Electronic Components Datasheet Search
  English  ▼

X  

TPMC382-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC382-DOC
Description  Conduction Cooled PMC, 4 x 10/100Mbit/s Ethernet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC382-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC382-DOC Datasheet HTML 1Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
09/2009
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TPMC382 Conduction Cooled PMC, 4 x 10/100Mbit/s Ethernet
Application Information
The
TPMC382
is
a
PCI
Mezzanine
Card
(PMC)
compatible module providing a four channel Ethernet
10BASE-T/100BASE-TX interface.
A transparent 32 bit / 66 MHz PCI-to-PCI Bridge provides
access to the four Intel™ 82551IT Ethernet Controllers,
which support 10 and 100 Mbit/s transmission rates for
half and full duplex operation. Each channel of the
TPMC382 is capable of performing an auto negotiation
algorithm which allows both link-partners to find out the
best link-parameters by themselves. The TPMC382 is
widely user configurable via configuration and status
register access over the PCI bus.
The TPMC382-10 routes all four Ethernet ports to the
PMC back I/O P14 connector. The ports are galvanically
isolated from the Ethernet Controller.
For First Time Users the Engineering Documentation
TPMC382-ED
is
recommended.
The
Engineering
Documentation includes TPMC382-DOC, schematics and
data sheets.
Driver Support:
o
The TPMC382 is directly supported from Linux, QNX6
(Neutrino) and LynxOS.
o
Software Support for Windows XP/2000/NT4.0 is
available from Intel at www.intel.com
o
For all other operating systems please contact TEWS.
Technical Information
Conduction cooled single-width 32 bit / 66 MHz PMC
module conforming to IEEE P1386.1, no front panel
PCI 2.1 compliant interface
3.3V and 5V PCI Signaling Voltage
Board size: 143.75 mm x 74 mm
IEEE802.3 compliant LAN interface
10BASE-T/100BASE-TX interface available
Half or full-duplex operation
3 Kbytes Transmit and Receive FIFOs per Channel
Controllers support DMA cycles as bus masters
Operating temperature range: -40°C to +85°C
Order Information
TPMC382-10R
Conduction cooled 4 x 10BASE-T
/100BASE-TX Ethernet Interface
P14 I/O, Extended Temperature
Range
TPMC382-10
None RoHS compliant version of
TPMC382-10R
TPMC382-DOC
User Manual
TPMC382-ED
Engineering Documentation, includes
TPMC382-DOC


Similar Part No. - TPMC382-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC385 TEWS-TPMC385 Datasheet
422Kb / 2P
Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet
2017-08-31
TPMC385-10R TEWS-TPMC385-10R Datasheet
422Kb / 2P
Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet
2017-08-31
TPMC385-DOC TEWS-TPMC385-DOC Datasheet
422Kb / 2P
Conduction Cooled, 4x 10/100/1000 Mbit/s Ethernet
2017-08-31
More results

Similar Description - TPMC382-DOC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3665 ADVANTECH-MIC-3665 Datasheet
119Kb / 1P
Dual Gigabit Ethernet PCI-X PMC
logo
List of Unclassifed Man...
CT-61 ETC2-CT-61 Datasheet
269Kb / 1P
Rugged Conduction Cooled 6U CompactPCI Intel Core i7 Universal Blade with two PMC sites
logo
TECHNOLOGY ASSISTANCE B...
TDCP-800-12 TAB-TDCP-800-12 Datasheet
203Kb / 2P
CONDUCTION COOLED SWITCHING POWER SUPPLIES
logo
Power System Technology
PST21A PST-PST21A Datasheet
2Mb / 13P
AC-DC 1200W Conduction cooled
logo
Illinois Capacitor, Inc...
505HC6500K2EM8 ILLINOISCAPACITOR-505HC6500K2EM8 Datasheet
89Kb / 1P
Conduction Cooled(High Density Reasnot)
135HC6700K4TM6 ILLINOISCAPACITOR-135HC6700K4TM6 Datasheet
86Kb / 1P
Conduction Cooled (High Density Resonant)
334HC6102K4TM6 ILLINOISCAPACITOR-334HC6102K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K2EM8 ILLINOISCAPACITOR-504HC6800K2EM8 Datasheet
89Kb / 1P
Conduction Cooled (High Density Resonant)
504HC6800K4TM6 ILLINOISCAPACITOR-504HC6800K4TM6 Datasheet
91Kb / 1P
Conduction Cooled (High Density Resonant)
664HC6800K2EM8 ILLINOISCAPACITOR-664HC6800K2EM8 Datasheet
90Kb / 1P
Conduction Cooled (High Density Resonant)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com