Electronic Components Datasheet Search
  English  ▼

X  

TPMC530-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPMC530-DOC
Description  16/8-Ch. Isolated Simultaneous Sampling AD/DA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC530-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPMC530-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC530-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC530-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.3
2020-06-23
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Techncial Information
 Form Factor: Standard single width 32 bit PMC
module with faceplate I/O conforming to IEEE
P1386.1
 Board size: 149 mm x 74 mm
 PCI 3.0 compatible master/slave interface
 Universal PCI I/O signaling voltage: 5 V or 3.3 V
 16/8 channels 16 bit isolated analog input
 Simultaneous sampling
 True differential inputs
 Programmable input voltage (one setting for all
channels): ±5 V, ±10 V
 Sampling rate: 200 kSPS
 Overvoltage protection
 8/4 channels single-ended 16 bit isolated analog
output
 Simultaneous update
 Programmable output voltage (one setting for all
channels): 0-5 V, 0-10 V, ±5 V, ±10 V
 Conversion time: typ.10 µs
Up to 2 kΩ resistive, 4000 pF capacitive load
 Overcurrent protection
 1024 sample FIFO for both ADC & DAC
 Scatter-gather DMA for both ADC & DAC
 Internal correction using factory calibration data
stored in EEPROM
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
544.000 h



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com