Electronic Components Datasheet Search
  English  ▼

X  

TPMC541-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC541-DOC
Description  32/16 Single-Ended or 16/8 Differential A/D Channels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC541-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC541-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC541-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC541-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.0
2020-01-30
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TPMC541
32/16 Single-Ended or 16/8 Differential A/D Channels,
8/4 Voltage & Current Range D/A Channels and
8 LVTTL/TTL Digital I/O Channels
Application Information
The TPMC541 is a standard single-wide 32 bit 33MHz PCI
Mezzanine Card (PMC) providing
 up to 32/16 single-ended or 16/8 differential 16 bit
bipolar analog input channels,
 8/4 single-ended simultaneous update 16bit
unipolar/bipolar analog output channels and
 8 tristate capable 5V-tolerant LVTTL/TTL digital
input/output channels.
The TPMC541 features up to four multi-channel ADC
devices, each device providing up to 8 single-ended or 4
differential A/D channels. Each ADC device is configurable
to operate in either 8-channel single-ended or 4-channel
differential input mode.
For each ADC device operating in single-ended input
mode, the following analog input ranges are available per
A/D channel:
Single-Ended Input Voltage Ranges:
±0.64V, ±1.28V, ±2.56V, ±5.12V, ±10.24V, ±12.288V
For each ADC device operating in differential input mode,
the following analog input ranges are available per A/D
channel:
Differential Input Voltage Ranges:
±0.64V, ±1.28V, ±2.56V, ±5.12V, ±10.24V, ±20.48V,
±24.576V
The TPMC541 also features up to two multi-channel DAC
devices, each device providing up to 4 single-ended
voltage output or current output D/A channels.
For each individual D/A channel, the following analog
output ranges are available:
Voltage Output Ranges:
0 to 5V, 0 to 10V, ±5V, ±10V, 0 to 6V, 0 to 12V, ±6V, ±12V
Current Output Ranges:
4 to 20mA, 0 to 20mA, 0 to 24mA


Similar Part No. - TPMC541-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC542 TEWS-TPMC542 Datasheet
371Kb / 3P
16/8 Channel Voltage & Current Range D/A
2017-08-31
TPMC542-10R TEWS-TPMC542-10R Datasheet
371Kb / 3P
16/8 Channel Voltage & Current Range D/A
2017-08-31
TPMC542-20R TEWS-TPMC542-20R Datasheet
371Kb / 3P
16/8 Channel Voltage & Current Range D/A
2017-08-31
TPMC542-DOC TEWS-TPMC542-DOC Datasheet
371Kb / 3P
16/8 Channel Voltage & Current Range D/A
2017-08-31
TPMC543 TEWS-TPMC543 Datasheet
328Kb / 3P
8 Analog Current Input Channels, 16/8 Analog High- Voltage Input Channels
2023-02-07
More results

Similar Description - TPMC541-DOC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
logo
Burr-Brown (TI)
MPC507 BURR-BROWN-MPC507 Datasheet
420Kb / 15P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
SDM862 BURR-BROWN-SDM862 Datasheet
256Kb / 27P
16 Single Ended/8 Differential Input 12-BIT DATA ACQUISITION SYSTEMS
logo
List of Unclassifed Man...
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
Grayhill, Inc
61C GRAYHILL-61C Datasheet
34Kb / 2P
16 or 32 Position with Pushbutton
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
Texas Instruments
MPC506AUG4 TI-MPC506AUG4 Datasheet
754Kb / 19P
Single-Ended 16-Channel/Differential 8-Channel CMOS ANALOG MULTIPLEXERS
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Maxim Integrated Produc...
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com