Electronic Components Datasheet Search
  English  ▼

X  

TPMC543-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TPMC543-DOC
Description  8 Analog Current Input Channels, 16/8 Analog High- Voltage Input Channels
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC543-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TPMC543-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC543-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TPMC543-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.2
2023-02-07
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
The TPMC543 provides dedicated A/D and D/A sequencer
units for periodic analog-to-digital and digital-to-analog
conversions at a configurable conversion rate.
In sequencer mode, A/D conversion data is temporarily
stored in an on-board data buffer and is transferred to
system memory by PCI master DMA transfer while D/A
conversion data is fetched from buffers in system memory
by PCI master DMA transfer and is temporarily stored in an
on-board data buffer.
The sequencers provide a Frame Mode for repetitive
frames of A/D and D/A conversions upon an internal or
external trigger signal event.
Conversion clock (conversion rate) and frame trigger
signals may be generated on-board for internal use and
may also be driven out on P14 rear I/O if the card is
operating as a master card in a Multi-Board configuration.
The conversion clock (conversion rate) and frame trigger
signals may also be sourced externally via the P14 rear I/O
interface if the card is operating as a slave card in a Multi-
Board configuration.
Each of the ESD protected digital I/O lines has a dedicated
line transmitter with individual output enable control and a
dedicated line receiver. The line receivers are always
enabled, so the digital I/O line level can always be
monitored.
Each digital I/O line input is capable of generating an
interrupt triggered on rising edge, falling edge or both.
Additionally, a glitch filter can be configured to get rid of
bouncing on the digital I/O inputs.
Each digital I/O line has a pull resistor to a common
reference.
The
common
pull
resistor
reference
is
programmable by software to +3.3V, +5V or GND.
Each TPMC543 is factory calibrated. The correction data is
stored in an on-board serial EEPROM unique to each PMC
module. The correction data values may be used to perform
a hardware correction for any A/D channel and input range
and any D/A channel and output range.
The analog input, analog output and digital I/O signals are
accessible via a Mini D Ribbon (MDR68) type front I/O
connector.
Technical Information
Standard single-wide PCI Mezzanine Card (PMC)
32bit / 33MHz PCI with PCI Master DMA capability
Mini D Ribbon (MDR68) type front I/O connector
8 ESD protected tristate capable 5V-tolerant
LVTTL/TTL digital input/output channels
Programmable digital input glitch-filter
4 Multi-Channel 16 bit ADC devices
Channel sample rate from 100ksps to 800ksps
(depending on number of active channels per
ADC)
8 differential analog current input channels
Current input range: ±25mA
16 single-ended / 8 differential analog high-voltage
input channels
Single-Ended ranges per channel : ±10V,
±20V, ±40V, ±48V
Differential ranges per channel: ±10V, ±20V,
±40V, ±80V, ±96V
2 Multi-Channel, Multi-Mode 16 bit DAC devices
8 single-ended voltage or current mode analog output
channels
Up to 38ksps simultaneous conversion rate
Output voltage ranges per channel:
Unipolar: 0-5V, 0-6V, 0-10V, 0-12V
Bipolar: ±5V, ±6V, ±10V, ±12V
Output current ranges per channel
4-20mA, 0-20mA, 0-24mA
Programmable conversion rates
Conversion signal can be output to other cards
Conversion signal can be input from other cards
I/O Trigger signal for synchronization
Hardware Correction Option, Factory calibrated
Temperature Sensor on-board
Operating Temperature Range -40° to +85° (forced
air cooling is required)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com