Electronic Components Datasheet Search
  English  ▼

X  

TPMC600-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC600-DOC
Description  32 Interrupt Generating Digital Inputs (24V)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC600-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC600-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC600-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 2.0.1
2022-01-11
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TPMC600
32 Interrupt Generating Digital Inputs (24V)
Application Information
The TPMC600 is a PMC compatible module and has 32
digital inputs galvanically isolated by optocouplers. The
individual inputs are separated in groups of 4 sharing a
common ground input. These groups are potential free to
each other. A high performance input circuit ensures a
defined switching point and polarization protection against
confusing the pole. All inputs have an electronic debounce
circuit with a programmable debounce time.
The modules are with front or back panel I/O available. All
inputs can generate an interrupt. The signal edge handling
is programmable.
Software
Support
(TPMC600-SW-xx)
for
different
operating systems is available.
Technical Information
 Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
 PCI3.0 compatible Interface, 32 bit, 33 MHz
 3.3V and 5V PCI Signaling Voltage
 32 interrupt generating digital inputs
 24 V signal voltage for inputs, other voltages on
request
 Optocoupler for galvanic isolation of inputs to
computer
 All inputs isolated to each other in groups of four
inputs
 Protection against confusing the pole
 Programmable electronic debounce circuit (7µs to
440ms in steps of 7µs)
 Operating temperature: -40°C to +85°C


Similar Part No. - TPMC600-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC630 TEWS-TPMC630 Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
TPMC630-10 TEWS-TPMC630-10 Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
TPMC630-10R TEWS-TPMC630-10R Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
TPMC630-11 TEWS-TPMC630-11 Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
TPMC630-11R TEWS-TPMC630-11R Datasheet
123Kb / 2P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
09/2009
More results

Similar Description - TPMC600-DOC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP606 ETC1-TIP606 Datasheet
70Kb / 1P
16 Interrupt Generating Digital Inputs
logo
Intersil Corporation
ISL29021 INTERSIL-ISL29021 Datasheet
583Kb / 12P
Digital Proximity Sensor with Interrupt Function
ISL29035 INTERSIL-ISL29035 Datasheet
101Kb / 2P
Integrated Digital Light Sensor with Interrupt
September 18, 2013
ISL29021IROZ-T7 INTERSIL-ISL29021IROZ-T7 Datasheet
594Kb / 12P
Digital Proximity Sensor with Interrupt Function
March 3, 2009
ISL29023IROZ-T7 INTERSIL-ISL29023IROZ-T7 Datasheet
623Kb / 14P
Integrated Digital Light Sensor with Interrupt
May 1, 2014
logo
Renesas Technology Corp
ISL29021 RENESAS-ISL29021 Datasheet
816Kb / 12P
Digital Proximity Sensor with Interrupt Function
ISL29023 RENESAS-ISL29023 Datasheet
882Kb / 14P
Integrated Digital Light Sensor with Interrupt
logo
Schneider Electric
TM3DI32K SCHNEIDER-TM3DI32K Datasheet
160Kb / 5P
module TM3 - 32 inputs HE10
Aug 11, 2019
logo
NHP Electrical Engineer...
1762-IQ32T NHP-1762-IQ32T Datasheet
524Kb / 1P
MicroLogix Digital Input Module 32 Point 24V DC Sink/Source
6 June 2023,
1762-OB32T NHP-1762-OB32T Datasheet
590Kb / 1P
MicroLogix Digital Output Module 32 Point 24V DC Source
6 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com