Electronic Components Datasheet Search
  English  ▼

X  

TPIM001 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM001
Description  8/4 Channels of Isolated 12-Bit D/A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM001 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM001 Datasheet HTML 1Page - TEWS Technologies GmbH TPIM001 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC550
8/4 Channels of Isolated 12-Bit D/A
Application Information
The TPMC550 is a standard single-width 32 bit PMC
module and provides 8 channels of isolated 12 bit analog
outputs. 4 channel and rear-I/O order options are also
available. The settling time to 0.012% is 10µs maximum.
The TPMC550 supports immediate and simultaneous
load. The sequencer allows periodically update of enabled
channels and the sequence timer range extends from
100µs to 6.5s.
The programmable output voltage range is +/-10V or
0-10V selectable by jumper. An on board DC/DC
converter powers the isolated DAC and the output buffer.
Each TPMC550 is factory calibrated. The calibration
information is stored in the Identification-PROM unique to
each PMC module.
Software Support (TPMC550-SW-xx) is available for
different operating systems.
.
Technical Information
 Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
 PCI 2.1 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 149 mm x 74 mm
 8 or 4 channels of isolated 12 bit analog outputs
 Settling time to 0.012% is 10
µs maximum
 Full-scale output range +/- 10V or 0-10V
 Factory calibrated, calibration information stored in
EEPROM
 Operating temperature -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPIM001

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM001 TEWS-TPIM001 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM001 TEWS-TPIM001 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM001 TEWS-TPIM001 Datasheet
69Kb / 1P
PIM I/O Module with 50 pin Connector
2017-08-31
TPIM001 TEWS-TPIM001 Datasheet
136Kb / 3P
Conduction Cooled PMC, 4 Channel Isolated
2017-08-31
More results

Similar Description - TPIM001

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ADC87 ICST-ADC87 Datasheet
1Mb / 6P
12-bit, 8 Usec Military A/D Converter
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
logo
Maxim Integrated Produc...
MAX171 MAXIM-MAX171 Datasheet
1Mb / 9P
Opto-Isolated Serial Output 5.8us 12-Bit A/D Converter
logo
Micro Analog systems
MAS9184A MAS-MAS9184A Datasheet
132Kb / 9P
12 X 8-bit D to A Converter
MAS9187 MAS-MAS9187 Datasheet
141Kb / 7P
12 X 8-bit D to A Converter
logo
List of Unclassifed Man...
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
Micro Analog systems
MAS9188 MAS-MAS9188 Datasheet
195Kb / 10P
12 횞 8-Bit D to A Converter
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
10-bit, 8 Channels A/D Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com