Electronic Components Datasheet Search
  English  ▼

X  

TPIM002 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM002
Description  8/4 Channels of Isolated 16-bit D/A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM002 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM002 Datasheet HTML 1Page - TEWS Technologies GmbH TPIM002 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS Technologies GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.2
16.02.2024
TEWS Technologies GmbH
Eggerstedter Weg 14, 25421 Pinneberg, Germany
Phone: +49 (0) 4101 4058 0
info@tews.com
www.tews.com
The Embedded I/O Company
TPMC551 8/4 Channels of Isolated 16-bit D/A
TPMC551-10R
Application Information
The TPMC551 is a standard single-width 32-bit PMC
module providing optically isolated 16-bit analog outputs.
The number of D/A channels and the I/O connector
depends on the module version. Settling time to 0.003%
is 10 µs typical. Immediate and simultaneous loading are
supported.
A sequencer allows periodical updates of enabled
channels and the sequence timer range extends from
100 µs to 6.5 s.
The TPMC551 offers two output voltage ranges, ±10 V
and 0-10 V, which are selectable by solder pads.
An board DC/DC converter powers the isolated DAC and
the output buffers.
Each TPMC551 is delivered factory calibrated. The
calibration information is stored in the Calibration-PROM
unique to each PMC module.
Software Support (TPMC551-SW-xx) is available for
different operating systems.
Form Factor: Standard single-width 32-bit PMC
module conforming to IEEE P1386/P1386.1
Board size: 147.5 mm x 74 mm
PCI v2.2 compliant interface
3.3V and 5V PCI Signaling Voltage
16-bit D/A conversion
0-10 V or ±10 V selectable output voltage range
10 µs maximum settling time
4 mA, 1000 pF maximum load
I/O access:
Front panel I/O: DB25 female connector
Back I/O: PMC P14 I/O connector
Operating temperature -40 °C to +85 °C
MTBF (MIL-HDBK217F/FN2 GB 20 °C)
TPMC551-10R: 371000 h
TPMC551-11R: 512000 h
TPMC551-20R: 353000 h
TPMC551-21R: 479000 h
Technical Information


Similar Part No. - TPIM002

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM002 TEWS-TPIM002 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM002 TEWS-TPIM002 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
70Kb / 1P
PIM I/O Module with 68 pin Connector
2017-08-31
TPIM002 TEWS-TPIM002 Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
More results

Similar Description - TPIM002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP830 ETC1-TIP830 Datasheet
78Kb / 1P
8 Channel 12 (16) bit Simultaneous Sampling A/D
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
logo
fujitsu semiconductor
MB88346B FUJITSU-MB88346B_05 Datasheet
189Kb / 18P
D/A Converter for Digital Tuning (12 channels. 8-bit, with OP amplifier)
logo
List of Unclassifed Man...
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
Supertex, Inc
HV2631 SUTEX-HV2631 Datasheet
668Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
16-bit, 16-channel A/D with 12-bit D/A
logo
ATMEL Corporation
AT83C5111 ATMEL-AT83C5111_14 Datasheet
898Kb / 86P
10-bit, 8 Channels A/D Converter
logo
Supertex, Inc
HV2631 SUTEX-HV2631_09 Datasheet
515Kb / 7P
16-Channel (2 Banks of 8-Channels), High Voltage Analog Switch
logo
List of Unclassifed Man...
W55AD808 ETC2-W55AD808 Datasheet
499Kb / 6P
8-bit ADC with 8 input channels
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com