Electronic Components Datasheet Search
  English  ▼

X  

TPMC680-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC680-DOC
Description  8 x 8 Bit Digital Inputs/Outputs (5V TTL)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC680-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC680-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC680-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC680
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
Application Information
The TPMC680 is a standard single-width 32 bit PMC
module offering 64 bit of TTL I/O arranged in 8 x 8 bit
ports. Direction of the I/O lines is software programmable
for each of the 8 bit ports. Each 8 bit port is built up using
a TTL bus transceiver. Each line is protected against ESD
and overvoltage.
Each input can generate an interrupt. Signal edge
handling is programmable to interrupt on rising and/or
falling edge of the input signal. Interrupts can be enabled
and disabled for each bit. For interrupt source detection
the status of each bit can be read from the interrupt status
register.
The TPMC680 supports three basic modes of operation:
standard byte I/O with interrupts, 2 x 16 bit port with
handshake and 1 x 32 bit port with handshake. The two
handshake modes offer double buffered inputs or outputs
and interlocked or pulsed handshake output protocol.
In byte I/O mode it is possible to read or write
synchronously all 64 lines.
The TPMC680 provides front panel I/O via a HD68 SCSI-3
type connector and rear panel I/O via P14.
Software
Support
(TPMC680-SW-xx)
for
different
operating systems is available.
Technical Information
 Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
 PCI 2.1 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 149 mm x 74 mm
 Interrupt generating digital I/O lines
 TTL I/O’s arranged in 8 x 8 bit ports
 Direction programmable per 8 bit port
 TTL signaling voltage (maximum current: ±16mA)
 ESD and overvoltage protection for each I/O line
 I/O access:
- 64 I/O lines on HD68 front connector, parallel to
- 56 I/O lines [55:0] and system ground on rear
connector P14; changeable to up to 64 I/O lines
without ground
 Basic operating modes: Byte I/O and two handshake
modes
 Temperature range: -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC680-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC680-DOC TEWS-TPMC680-DOC Datasheet
154Kb / 2P
64 Digital Inputs/Outputs (Bit I/O)
2017-08-31
More results

Similar Description - TPMC680-DOC

ManufacturerPart #DatasheetDescription
logo
LOGIC Devices Incorpora...
LF43881 LODEV-LF43881 Datasheet
82Kb / 11P
8 x 8-bit Digital Filter
logo
National Semiconductor ...
DM54LS471 NSC-DM54LS471 Datasheet
121Kb / 4P
(256 X 8) 2048-BIT TTL PROM
logo
NEC
UPB429 NEC-UPB429 Datasheet
167Kb / 3P
2048 x 8-BIT BIPOLA TTL PROM
logo
Zarlink Semiconductor I...
SP973T8 ZARLINK-SP973T8 Datasheet
82Kb / 8P
30MHz 8-BIT FLASH ADC (TTL/CMOS OUTPUTS)
logo
Cypress Semiconductor
CY7C1079DV33 CYPRESS-CY7C1079DV33 Datasheet
484Kb / 14P
32-Mbit (4 M x 8) Static RAM TTL Compatible Inputs and Outputs
logo
National Semiconductor ...
DM74S473 NSC-DM74S473 Datasheet
104Kb / 6P
(512 x 8) 4096-Bit TTL PROM
November 1990
logo
Force Technologies Ltd
FT28C010-XXXXX-X FORCE-FT28C010-XXXXX-X Datasheet
2Mb / 30P
128K x 8 Bit 5V EEPROM
logo
WAGO Kontakttechnik Gmb...
706-3037-305-100 WAGO-706-3037-305-100 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-200 WAGO-706-3037-305-200 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
706-3037-305-300 WAGO-706-3037-305-300 Datasheet
150Kb / 3P
System cable; for Schneider TSX; 8 digital inputs and 8 digital outputs
23.11.2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com