Electronic Components Datasheet Search
  English  ▼

X  

TPIM002 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM002
Description  32 /16 Channels of 16 bit D/A with Memory
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM002 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM002 Datasheet HTML 1Page - TEWS Technologies GmbH TPIM002 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC554
32 /16 Channels of 16 bit D/A with Memory
Application Information
The TPMC554 is a standard single-wide 32 bit PMC
module and provides 32/16 channels of 16 bit analog
outputs. All signals are accessible through a HD68 SCSI-3
type front I/O connector.
The software selectable output voltage ranges are 0V-5V,
0V-10V, 0V-10.8V, ±5V, ±10V and ±10.8V. The output
voltage range can be set individually per channel. The
conversion time is typ. 10µs and the DAC outputs are
capable to drive a load of 2kΩ, with a capacitance up to
4000pF.
Besides of an individual channel update, the double
buffered DACs allow simultaneous update of all channels.
Additionally a sequencer on the TPMC554 allows updating
enabled channels periodically with a sequence timer range
that extends from 10μs to 11.93h.
In addition to the double buffered distributed RAM inside
the FPGA the TPMC554 provides 2 M x 16 bit external
SRAM to store values that are known in advance. This
feature can also be used to periodically output any kind of
waveform or bit pattern. The size of the FIFO for each
DAC channel is adjustable.
Each TPMC554 is factory calibrated. The calibration
information is stored in an on board serial EEPROM
unique to each PMC module.
Software Support (TDRV016-SW-xx) is available for
different operating systems.
Technical Information
 Form Factor: Standard single-width 32 bit PMC
module conforming to IEEE P1386.1
 Board size: 149 mm x 74 mm
 Target Chip: PCI9030 (PLX Technology)
 PCI 2.1 compliant interface
 PCI I/O signaling voltage 5V or 3.3V
 32/16 channels single-ended 16 bit analog output
 Programmable output voltage: 0V-5V, 0V-10V,
0V-10.8V, ±5V, ±10V, ±10.8V
 Conversion time: typ.10µs
 Up to
2kΩ resistive, 4000pF capacitive load
 Overcurrent protection
 Individual channel update, simultaneous update
of all channels or sequencer mode
 2 M x 16 bit SRAM to store voltage values
 Factory calibration data stored in EEPROM
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C):
TPMC554-10R: 665000 h
TPMC554-11R: 678000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPIM002

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM002 TEWS-TPIM002 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM002 TEWS-TPIM002 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
70Kb / 1P
PIM I/O Module with 68 pin Connector
2017-08-31
TPIM002 TEWS-TPIM002 Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
More results

Similar Description - TPIM002

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68010 MOTOROLA-MC68010 Datasheet
956Kb / 37P
16-/32-Bit Virtual Memory Microprocessor
logo
NXP Semiconductors
LPC2210 PHILIPS-LPC2210 Datasheet
181Kb / 39P
16/32-bit ARM microcontroller with 10-bit ADC and external memory interface
Rev. 01-09 February 2004
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115 Datasheet
1Mb / 105P
Low Pin Count 8-bit MCU with A/D Converter and 16-Kbytes of Flash Memory
logo
List of Unclassifed Man...
TIP550 ETC1-TIP550 Datasheet
74Kb / 1P
Channels of Isolated 12 bit D/A Conversion
TIP551 ETC2-TIP551 Datasheet
75Kb / 1P
4 Channels of Isolated 16 bit D/A Conversion
TIP501 ETC2-TIP501 Datasheet
78Kb / 1P
16 Channels of Isolated 16 bit A/D Conversion
logo
ADL Embedded Solutions
104-AIO16-16E ADL-104-AIO16-16E Datasheet
458Kb / 2P
16-bit, 16-channel A/D with 12-bit D/A
104-AIO16-16W ADL-104-AIO16-16W Datasheet
458Kb / 2P
16-bit, High-Speed, 16-channel A/D with 12-bit D/A
logo
National Instruments Co...
NI670X NI-NI670X Datasheet
349Kb / 4P
Software-Timed Analog Output-16-Bit, 16 or 32 Channels
logo
Generalplus Technology ...
GPM8F3132A GENERALPLUS-GPM8F3132A Datasheet
2Mb / 114P
44-Pin 8-bit Microcontroller with 32/16/8KB Flash Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com