Electronic Components Datasheet Search
  English  ▼

X  

TPMC682-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC682-DOC
Description  3 x 16 bit I/O Ports with 512 Word FIFO and Handshake
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC682-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC682-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC682-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC682
3 x 16 bit I/O Ports with 512 Word FIFO and Handshake
Application Information
The TPMC682 is a standard single-width 32 bit PMC with
three 16 bit TTL digital input/output lines controlled by
handshake signals. These handshake signals run over an
additional 8 bit input and an 8 bit output port. Interlocked
or pulsed handshake protocol is provided. Each I/O port
has a 512 words deep FIFO. All I/O lines are protected by
bus transceivers and ESD protection devices.
The PLX PCI9030 PCI target chip is used for the PCI
interface.
An interrupt can be generated on INTA, when the filling
level of a FIFO exceeds the value of the individually
programmable threshold. Each port has a programmable
timeout counter for input direction of data.
The TPMC682 provides front panel I/O via a HD68 SCSI-3
type connector and rear panel I/O via P14.
Software
Support
(TDRV008-SW-xx)
for
different
operating systems is available.
Technical Information
 Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
 PCI 2.1 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 149 mm x 74 mm
 Digital Input/Output Ports
 TTL I/O’s arranged in 3 x 16 bit ports and
2 x 8 bit ports for handshake signals and for
general purpose
 512 word FIFO for each I/O port
 individually programmable FIFO thresholds
 programmable timeout for reading
 Direction programmable per 16 bit port
 TTL signaling voltage (maximum current: +/-8mA)
 ESD and overvoltage protection for each I/O line
 I/O access:
- 64 I/O lines on HD68 front connector, parallel to
- 56 I/O lines (Port 0/1 [15:0], Port 2 [7:0]) and
system ground on rear connector P14; changeable
to 64 I/O lines (Port 0/1/2 [15:0]) without ground
 Temperature range: -40°C to +85°C
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC682-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC680 TEWS-TPMC680 Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-10R TEWS-TPMC680-10R Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-DOC TEWS-TPMC680-DOC Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-DOC TEWS-TPMC680-DOC Datasheet
154Kb / 2P
64 Digital Inputs/Outputs (Bit I/O)
2017-08-31
TPMC680-SW-25 TEWS-TPMC680-SW-25 Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
More results

Similar Description - TPMC682-DOC

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MS81V06160 OKI-MS81V06160 Datasheet
266Kb / 18P
(401,408-word 쨈 16-bit) FIFO memory
MS81V10160 OKI-MS81V10160 Datasheet
266Kb / 18P
(664,320-word x 16-bit) FIFO memory
logo
NXP Semiconductors
74HC40105 PHILIPS-74HC40105 Datasheet
200Kb / 25P
4-bit x 16-word FIFO register
1998 Jan 23
74HC7030 PHILIPS-74HC7030 Datasheet
172Kb / 22P
9-bit x 64-word FIFO register; 3-state
December 1990
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
4-Bit x 64-word FIFO register; 3-state
September 1993
74HC7404 PHILIPS-74HC7404 Datasheet
131Kb / 28P
5-Bit x 64-word FIFO register; 3-state
September 1993
logo
Integrated Device Techn...
IDT72V11165 IDT-IDT72V11165 Datasheet
123Kb / 8P
3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
logo
Toshiba Semiconductor
TC74HC40105AP TOSHIBA-TC74HC40105AP Datasheet
467Kb / 11P
4 Bit 횞 16 Word FIFO Register
logo
Renesas Technology Corp
M66288FP RENESAS-M66288FP Datasheet
511Kb / 24P
262144-word x 8-bit x 3-FIFO MEMORY
logo
NXP Semiconductors
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com