Electronic Components Datasheet Search
  English  ▼

X  

TPMC683-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC683-DOC
Description  32 RS422/RS485 Differential I/O
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC683-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC683-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC683-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC683
32 RS422/RS485 Differential I/O
Application Information
The TPMC683 is a standard single-width 32 bit PMC
module
offering
32
differential
I/O
lines
using
EIA-422 / EIA-485
compatible,
ESD-protected
line
transceivers.
Each line is individually programmable as input or output.
The
receivers
are
always
enabled,
which
allows
determining the state of each I/O line at any time. This can
be used as read back function for lines configured as
outputs.
Each input can generate an interrupt. Signal edge
handling is programmable to interrupt on rising and/or
falling edge of an input signal. Interrupts can be enabled
and disabled for each bit. For interrupt source detection,
the status of each line can be read from interrupt status
registers.
The TPMC683 provides front panel I/O via a HD68 SCSI-3
type connector and rear panel I/O via P14.
Software
Support
(TDRV012-SW-xx)
for
different
operating systems is available.
Technical Information
 Form Factor: Standard single-width 32 bit PMC
module conforming to IEEE P1386.1
 Board size: 149 mm x 74 mm
 PCI 2.1 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Interrupt generating differential I/O lines
 32 differential I/Os
 EIA-422/-485 signaling level
 Direction individually programmable per line
 120
Ω termination resistor
 15kV ESD protection
 I/O access:
32 I/O lines on HD68 front connector, parallel to
up to 32 I/O lines on rear connector P14
 Operating temperature -40°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TPMC683-10R: 451000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.0.1
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPMC683-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC680 TEWS-TPMC680 Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-10R TEWS-TPMC680-10R Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-DOC TEWS-TPMC680-DOC Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
TPMC680-DOC TEWS-TPMC680-DOC Datasheet
154Kb / 2P
64 Digital Inputs/Outputs (Bit I/O)
2017-08-31
TPMC680-SW-25 TEWS-TPMC680-SW-25 Datasheet
103Kb / 2P
8 x 8 Bit Digital Inputs/Outputs (5V TTL)
2017-08-31
More results

Similar Description - TPMC683-DOC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS3695A NSC-DS3695A Datasheet
108Kb / 8P
Multipoint RS485/RS422 Transceivers
DS3698 NSC-DS3698 Datasheet
257Kb / 10P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
List of Unclassifed Man...
IL422-3V ETC-IL422-3V Datasheet
348Kb / 7P
Isolated 3Volt RS422/RS485 Interface
IL3522 ETC2-IL3522 Datasheet
142Kb / 10P
Isolated RS485/RS422 Interface
logo
Linear Technology
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695N-NOPB TI1-DS3695N-NOPB Datasheet
577Kb / 17P
Multipoint RS485/RS422 Transceivers/Repeaters
logo
Linear Technology
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
3.3V 20Mbps RS485/RS422 Transceivers
logo
Texas Instruments
DS3695A TI1-DS3695A_14 Datasheet
831Kb / 13P
Multipoint RS485/RS422 Transceivers
logo
Advantech Co., Ltd.
WISE-1251 ADVANTECH-WISE-1251 Datasheet
573Kb / 1P
RS422/485 I/O Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com