Electronic Components Datasheet Search
  English  ▼

X  

TPMC630-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPMC630-DOC
Description  Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPMC630-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPMC630-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TPMC630-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
09/2009
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TPMC630 Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
Application Information
The TPMC630 is a standard single-width 32 bit PMC
module providing a user configurable FPGA with 300,000
(TPMC630-1x) or 600,000 (TPMC630-2x) system gates.
All local signals from the PCI controller are routed to the
FPGA.
The TPMC630-x0x has 64 ESD-protected TTL lines, the
TPMC630-x1x provides 32 differential I/O lines using
EIA-422 / EIA-485
compatible,
ESD-protected
line
transceivers. The TPMC630-x2x provides 32 TTL and 16
differential I/Os. All lines are individually programmable as
input or output. The receivers are always enabled, which
allows determining the state of each I/O line at any time.
This can be used as read back function for lines
configured as outputs. Each TTL I/O line has a pull-up
resistor. The pull-up voltage is selectable to be either
+3.3V or +5V. The differential I/O lines are terminated by
120Ω resistors.
The FPGA is configured by a serial Flash. The Flash
device is in-system programmable via driver software over
the PCI bus. An in-circuit debugging option is available via
an optionally mountable JTAG header (on the backside of
the board) for readback and real-time debugging of the
FPGA design (using Xilinx “ChipScope”).
A programmable clock generator supplies up to six
different
clock
frequencies
between
200 kHz
and
166 MHz. All outputs are available at the FPGA, one clock
source is in addition used as the local clock signal for the
PCI controller. The clock generator settings are stored in
an EEPROM and can be changed by the driver software
through PCI9030 GPIO pins.
The configuration EEPROM of the PCI controller can also
be modified by the driver software, to adapt address
spaces etc.
User applications can be developed using the design
software ISE WebPACK which can be downloaded free of
charge from www.xilinx.com.
The TPMC630 provides front panel I/O via a HD68 SCSI-3
type connector and rear panel I/O via P14.
For First Time Users the Engineering Documentation
TPMC630-ED
is
recommended.
The
Engineering
Documentation includes TPMC630-DOC, schematics,
data sheets / application notes of the components and well
documented sample VHDL source code.
Software
Support
(TPMC630-SW-xx)
for
different
operating systems is available.
Technical Information
Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
PCI 2.1 compliant interface
3.3V and 5V PCI Signaling Voltage
Board size: 149 mm x 74 mm
TPMC630-1x: Xilinx XC2S300E-6 Spartan-IIE FPGA
configured by serial Flash XCF02S
TPMC630-2x: Xilinx XC2S600E-6 Spartan-IIE FPGA
configured by serial Flash XCF04S
Flash device in-system programmable
32 bit PCI target interface by PLX PCI9030
FPGA clock options:
Local clock oscillator
PLL programmable clock generator (200 KHz –
166 MHz), 6 clock outputs connected to FPGA
I/O lines
64 TTL I/O (-10), 32 differential I/O (-11) or
32 TTL I/O and 16 differential I/O (-12)
TTL signaling voltage (maximum current:
+/-32mA) or EIA-422/-485 signaling level
direction individually programmable
I/O access:
64 I/O lines on HD68 front connector, parallel to
up to 64 I/O lines on rear connector P14
Operating temperature: -40°C to +85°C
64 x TTL I/O
Drivers
(TPMC630-10)
or 32 x
Differential
Drivers
(TPMC630-11)
or
32 x TTL I/O
and 16 x
Differential
Drivers
(TPMC630-12)
Programmable
Clocks
Serial
Flash
XILINX FPGA
SPARTAN IIE
XC2S300 E
(TPMC630-1x)
or XC2S600E
(TPMC630-2x)
PCI
Controller
JTAG Header


Similar Part No. - TPMC630-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPMC632 TEWS-TPMC632 Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
TPMC632-10R TEWS-TPMC632-10R Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
TPMC632-11R TEWS-TPMC632-11R Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
TPMC632-12R TEWS-TPMC632-12R Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
TPMC632-13R TEWS-TPMC632-13R Datasheet
250Kb / 3P
Reconfigurable FPGA with 64 TTL I/O / 32 Diff. I/O
2017-08-31
More results

Similar Description - TPMC630-DOC

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217 Datasheet
150Kb / 5P
64 - PIN SUPUR I/O WITH LPC INTERFACE
logo
Holtek Semiconductor In...
HT6570 HOLTEK-HT6570 Datasheet
282Kb / 7P
I/O TTL INTEGRATION
2nd Apr 97
logo
SMSC Corporation
LPC47N217 SMSC-LPC47N217_07 Datasheet
94Kb / 5P
64-Pin Super I/O with LPC Interface
logo
List of Unclassifed Man...
AN221E04 ETC2-AN221E04 Datasheet
434Kb / 21P
Dynamically Reconfigurable FPAA With Enhanced I/O
logo
SMSC Corporation
LPC47N217N-JV SMSC-LPC47N217N-JV Datasheet
167Kb / 5P
64-Pin Super I/O with LPC Interface
logo
Advantech Co., Ltd.
PCL-730 ADVANTECH-PCL-730 Datasheet
165Kb / 1P
32-ch Isolated Digital I/O card with 32 TTL Channels and PCI Interface
logo
Holtek Semiconductor In...
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
NIPXI7851R NI-NIPXI7851R Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Advantech Co., Ltd.
PCIE-1730 ADVANTECH-PCIE-1730_V01 Datasheet
390Kb / 1P
32-Ch TTL, 32-Ch Isolated Digital I/O PCIe Card
27-Jun-2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com