Electronic Components Datasheet Search
  English  ▼

X  

TPIM002 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM002
Description  16 Digital Inputs (24V) 16 Digital Outputs (24V, 0.5A)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM002 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM002 Datasheet HTML 1Page - TEWS Technologies GmbH TPIM002 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The Embedded I/O Company
TPMC671
16 Digital Inputs (24V) 16 Digital Outputs (24V, 0.5A)
Application Information
The TPMC671 is a standard single-width 32 bit PMC with
16 24V digital inputs galvanically isolated from the
computer system by optocoupler. The inputs are also
potential free to each other. A high performance input
circuit ensures a defined switching point and polarization
protection against confusing the pole. All inputs have a
common
electronic
debounce
circuit
with
a
freely
programmable debounce time. All inputs can generate an
interrupt. The signal edge handling is programmable to
interrupt on rising, falling or both edges of the input signal.
The TPMC671 has 16 digital high side or low side
switches (build option) with galvanic isolation from the
computer system by optocoupler. The outputs are also
isolated against each other in groups of four outputs. All
outputs are protected against short-circuit and thermal
overload. The output drivers are capable of driving 0.5A
continuous per channel. A hardware watchdog clears all
outputs in case of trigger fail. The TPMC671-1xR provides
front panel I/O, the TPMC671-2xR provides P14 I/O.
Software
Support
(TDRV003-SW-xx)
for
different
operating systems is available.
Technical Information
 Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
 PCI 3.0 compliant interface
 3.3V and 5V PCI Signaling Voltage
 Board size: 149 mm x 74 mm
 16 interrupt generating digital inputs
 24 V signal voltage for inputs
 Optocoupler for galvanic isolation
 All inputs isolated to each other
 Programmable electronic debounce circuit (7µs
to 440ms in steps of 7µs),
 16 digital outputs, high side or low side switches
(build option)
 24V signal voltage, current per output 0.5A
 Optocoupler for galvanic isolation
 Outputs are short-circuit protected
 Outputs are isolated to each other in groups of
four
 Outputs are protected against thermal overload
 Watchdog timer resets all channels in case of
trigger failure
 Operating temperature -25°C to +85°C
 MTBF (MIL-HDBK217F/FN2 GB 20°C)
TPMC671: 860.000 h
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 2.0.2
2017-08-31
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com


Similar Part No. - TPIM002

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM002 TEWS-TPIM002 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM002 TEWS-TPIM002 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
70Kb / 1P
PIM I/O Module with 68 pin Connector
2017-08-31
TPIM002 TEWS-TPIM002 Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
More results

Similar Description - TPIM002

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TIP606 ETC1-TIP606 Datasheet
70Kb / 1P
16 Interrupt Generating Digital Inputs
logo
PHOENIX CONTACT
2742638 PHOENIX-2742638 Datasheet
279Kb / 5P
PROFIBUS-DP/V1 Bus Coupler Station With 16 Digital Inputs and 16 Digital Outputs
2897570 PHOENIX-2897570 Datasheet
744Kb / 16P
Inline Block IO Module for SERCOS III With 16 Digital Inputs and 16 Digital Inputs/Outputs
5634B PHOENIX-5634B Datasheet
311Kb / 12P
Digital Input Module with 16 Inputs
6884 PHOENIX-6884 Datasheet
975Kb / 15P
Inline Block IO module for CANopen with 16 digital inputs and 16 digital outputs
6885 PHOENIX-6885 Datasheet
950Kb / 17P
Inline Block IO Module for DeviceNet??With 16 Digital Inputs and 16 Digital Outputs
logo
WAGO Kontakttechnik Gmb...
706-3340-300-300 WAGO-706-3340-300-300 Datasheet
70Kb / 3P
System cable; for Schneider Modicon M340; 16 digital inputs or outputs
23.11.2021
logo
Lumberg
0980ESL710 LUMBERG-0980ESL710 Datasheet
1Mb / 2P
LioN-M EtherNet/IP I/O Modules with 16 Digital Inputs and 16 Digital Outputs
2018
logo
NHP Electrical Engineer...
1762-IQ16 NHP-1762-IQ16 Datasheet
523Kb / 1P
MicroLogix Digital Input Module 16 Point 24V DC Sink/Source
6 June 2023,
1762-OB16 NHP-1762-OB16 Datasheet
590Kb / 1P
MicroLogix Digital Output Module 16 Point 24V DC Source
6 June 2023,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com