Electronic Components Datasheet Search
  English  ▼

X  

TPIM002 Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TPIM002
Description  4 Channel High Speed Synch/Asynch Serial Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TPIM002 Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TPIM002 Datasheet HTML 1Page - TEWS Technologies GmbH TPIM002 Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
09/2009
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TPMC862 4 Channel High Speed Synch/Asynch Serial Interface
Application Information
The TPMC862 is a standard single-width 32 bit PMC with
four high speed serial data communication channels.
An
Infineon
PEF 20534
DMA
Supported
Serial
Communication Controller (DSCC4) with integrated bus
master PCI interface is used.
Several interrupt sources can generate interrupts on INTA
for each channel. Interrupts can be enabled and disabled
separately.
A 14.7456 MHz oscillator provides standard asynchronous
baud rates. An additional 24 MHz oscillator is provided for
other baud rates. A 10 MHz oscillator is used for the
maximum synchronous baud rate of 10Mbit/s.
Each channel can support many serial communication
protocols such as HDLC, SDLC, PPP, asynchronous,
monosynchronous, bisynchronous.
Multiprotocol transceivers are used for the line interface.
The physical interface can be selected by software
individually for each channel as EIA-232, EIA-422, EIA-
449, EIA-530, EIA-530A, V.35, V.36 or X.21.
The TPMC862 supports Receive Data (RxD +/-), Transmit
Data (TxD +/-), Receive Clock (RxC +/-), Transmit Clock
(TxC +/-),
Ready-To-Send
(RTS +/-),
Clear-To-Send
(CTS +/-), Carrier-Detect (CD +/-) and GND for each
channel. Additionally serial channel three provides Data-
Set-Ready
(DSR3 +/-)
and
Data-Terminal-Ready
(DTR3 +/-), both over front I/O only.
The DSCC4 contains a central receive and transmit FIFO
of 128 long words (32 bit) each. Additionally each channel
has a receive FIFO (17 long words deep) and a transmit
FIFO (8 long words deep).
The TPMC862 provides front panel I/O via a HD68 SCSI-3
type connector and rear I/O via P14.
For First Time Users the Engineering Documentation
TPMC862-ED
is
recommended.
The
Engineering
Documentation includes TPMC862-DOC, schematics and
data sheets.
Software
Support
(TDRV001-SW-xx)
for
different
operating systems is available.
Technical Information
Standard single-width 32 bit PMC module conforming
to IEEE P1386.1
PCI 2.1 compliant master/slave interface
Board size: 147 mm x 74 mm
Four high speed synchronous/asynchronous serial
interfaces based on Infineon PEF20534
Support of RxD, TxD, RxC, TxC, RTS, CTS, CD and
GND on HD68 front connector, parallel to
rear connector P14; DTR3 and DSR3 only at front I/O
Physical interface (individually programmable per
channel):
EIA-232, EIA-422, EIA-449, EIA-530, EIA-530A, V.35,
V.36 and X.21
Maximum data rate: 10 Mbit/s (synchronous),
2 Mbit/s (asynchronous), internal or external provided
clock
EIA-232: up to 115.2 kbit/s
Temperature range: -40°C to +85°C


Similar Part No. - TPIM002

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TPIM002 TEWS-TPIM002 Datasheet
143Kb / 1P
MTCA.4 Rear-I/O μRTM for TAMC261
2017-09-20
TPIM002 TEWS-TPIM002 Datasheet
72Kb / 1P
Transition Module for 3U cPCI PMC Carrier
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
85Kb / 1P
PIM Carrier Transition Module for 3U cPCI
2017-08-17
TPIM002 TEWS-TPIM002 Datasheet
70Kb / 1P
PIM I/O Module with 68 pin Connector
2017-08-31
TPIM002 TEWS-TPIM002 Datasheet
314Kb / 3P
Conduction Cooled, 6 Channel SSI, Incremental Encoder, Counter
2017-09-13
More results

Similar Description - TPIM002

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPD4S009 TI-TPD4S009 Datasheet
698Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_1 Datasheet
706Kb / 12P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009 TI-TPD4S009_10 Datasheet
1Mb / 17P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
TPD4S009_101 TI-TPD4S009_101 Datasheet
1Mb / 18P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Unisonic Technologies
UESD4C05R UTC-UESD4C05R Datasheet
134Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Texas Instruments
TPD4S009 TI1-TPD4S009_14 Datasheet
1Mb / 20P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Rohm
BU17074KV ROHM-BU17074KV Datasheet
668Kb / 9P
High-speed differential serial interface
logo
Unisonic Technologies
TVS4S009 UTC-TVS4S009 Datasheet
142Kb / 4P
4-CHANNEL ESD SOLUTION FOR HIGH-SPEED DIFFERENTIAL INTERFACE
logo
Melexis Microelectronic...
MLX90363 MELEXIS-MLX90363 Datasheet
1Mb / 57P
Triaxis짰 Magnetometer IC With High Speed Serial Interface
logo
Pulse A Technitrol Comp...
TM1250HSB5 PULSE-TM1250HSB5 Datasheet
693Kb / 4P
High Speed Serial Transceiver Line Interface Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com