Electronic Components Datasheet Search
  English  ▼

X  

16682 Datasheet(PDF) 1 Page - Atom Lighting

Part # 16682
Description  AT9228
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

16682 Datasheet(HTML) 1 Page - Atom Lighting

  16682 Datasheet HTML 1Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AT9228
Square Deep Recessed Extrusion Kit
Suits AT9251, AT9252, AT9253 IP20 LED strips
Suits AT9251, AT9252, AT9253 IP67 LED strips but
requires the silicon endcaps to be trimmed
Suits AT9256 and AT9257 Pureline LED strips
Suits AT9208 LED strip kits
Diffuser clips in from front
Supplied with 2x endcaps and 2x mounting clips
ORDERING INFORMATION
Order code
16682
Description
Square Deep Recessed
Extrusion KIT - 2M
Item Code
AT9228/2M
WARRANTY
Domestic Use Warranty
3 RTB (Total 3 Years)
DIMENSIONS
Cutout
18 mm
Product Height
15 mm
Product Length
2000 mm
Product Width
25 mm
All dimensions are +/- 1mm.
LINE DRAWINGS
AT9228
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 16682

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1668205 PHOENIX-1668205 Datasheet
547Kb / 18P
SAC-3P- 3,0-PUR/M12FR B - Sensor/actuator cable
1668218 PHOENIX-1668218 Datasheet
139Kb / 11P
Sensor/actuator cable - SAC-3P- 5,0-PUR/M12FR B
09/11/2020
1668221 PHOENIX-1668221 Datasheet
581Kb / 18P
SAC-4P- 1,5-PUR/M12FR - Sensor/actuator cable
1668234 PHOENIX-1668234 Datasheet
581Kb / 18P
SAC-4P- 3,0-PUR/M12FR - Sensor/actuator cable
1668247 PHOENIX-1668247 Datasheet
581Kb / 18P
SAC-4P- 5,0-PUR/M12FR - Sensor/actuator cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com