Electronic Components Datasheet Search
  English  ▼

X  

M2ZX9145 Datasheet(PDF) 1 Page - AG Electronica

Part # M2ZX9145
Description  CABLE DE DATOS P/CAMARA DJI MAVIC 2 PRO Y ZOOM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

M2ZX9145 Datasheet(HTML) 1 Page - AG Electronica

  M2ZX9145 Datasheet HTML 1Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AG Electrónica S.A. de C.V.
República del Salvador N° 20 Segundo Piso
Teléfono: 5130 - 7210
ACOTACIÓN:
N/A
http://www.agelectronica.com
ESCALA:
N/A
REALIZO: DCR
REV: EAC
TOLERANCIA:
N/A
CABLE DE DATOS P/CAMARA DJI MAVIC 2 PRO Y ZOOM
TOLERANCIA:
N/A
Fecha:
11/07/2022
No. Parte: M2Z-X9145
http://www.agelectronica.com
M2Z-X9145: CABLE DE DATOS P/CAMARA DJI MAVIC 2 PRO Y
ZOOM
Descripción
Refacción del cable de transmisión para la cámara del dron DJI Mavic Pro 2 y Zoom.
Características
⚫ Compatible con Mavic 2 Pro y Zoom.
⚫ Cantidad: 1 unidad.
⚫ Peso: 4g.
http://www.agelectronica.com


Similar Part No. - M2ZX9145

ManufacturerPart #DatasheetDescription
logo
AG Electronica
M2Z-X9145 AGELECTRONICA-M2Z-X9145 Datasheet
148Kb / 1P
CABLE DE DATOS P/CAMARA DJI MAVIC 2 PRO Y ZOOM
11/07/2022
logo
Rosenberger Hochfrequen...
M2Z101-3XX ROSENBERGER-M2Z101-3XX Datasheet
146Kb / 1P
COVER POWERSYSTEM / POWERSYSTEM PRO PORT 12/24V
Rev. c00 Date 13.05.2022
M2Z101-3XX ROSENBERGER-M2Z101-3XX Datasheet
726Kb / 2P
POWERSYSTEM PORT 12V PRO
rev. d00 Date 19.10.2020
M2Z101-3XX ROSENBERGER-M2Z101-3XX Datasheet
730Kb / 2P
POWERSYSTEM PORT 24V PRO
rev. d00 Date 19.10.2020
M2Z101-3XX ROSENBERGER-M2Z101-3XX Datasheet
858Kb / 2P
POWERSYSTEM PORT 12V
More results

Similar Description - M2ZX9145

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FRCMSPOOL HAMMOND-FRCMSPOOL Datasheet
49Kb / 1P
Enrouleur de cable
logo
Assmann Electronics Inc...
AK-102031-R ASSMANN-AK-102031-R Datasheet
57Kb / 1P
Audio Y-cable
logo
Panasonic Semiconductor
ET-D75LE40 PANASONIC-ET-D75LE40 Datasheet
542Kb / 2P
Zoom Lens
ET-DLE350 PANASONIC-ET-DLE350 Datasheet
536Kb / 2P
Zoom Lens
logo
Pentair plc. All rights...
3150 PENTAIR-3150 Datasheet
275Kb / 2P
VANNE DE COMMANDE DE 2 POUCE
5600 PENTAIR-5600 Datasheet
435Kb / 2P
DISE횗O ECON횙MICO Y DE EFICACIA COMPROBADA
logo
Pepperl+Fuchs Inc.
V1-G-BK2M-PUR-A-T-V1-G PF-V1-G-BK2M-PUR-A-T-V1-G Datasheet
1,013Kb / 3P
Y connection cable
2021-11-02
V1-GY-2M-PUR-TAP PF-V1-GY-2M-PUR-TAP Datasheet
818Kb / 3P
Y connection cable
2022-11-30
V1-W-BK1M-PUR-U-T24B-V1-G PF-V1-W-BK1M-PUR-U-T24B-V1-G Datasheet
1Mb / 4P
Y connection cable
2021-11-03
V1-W-E2-BK1M-PUR-A-T-V1-G PF-V1-W-E2-BK1M-PUR-A-T-V1-G Datasheet
926Kb / 4P
Y connection cable
2021-11-02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com