Electronic Components Datasheet Search
  English  ▼

X  

2909607 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2909607
Description  CAB-DSUB25M/OE/22/TP/S/ 3M - Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909607 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2909607 Datasheet HTML 1Page - PHOENIX CONTACT 2909607 Datasheet HTML 2Page - PHOENIX CONTACT 2909607 Datasheet HTML 3Page - PHOENIX CONTACT 2909607 Datasheet HTML 4Page - PHOENIX CONTACT 2909607 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Assembled shielded round cable; connection 1: Twisted pair (25-position) (The wires are marked
and fitted with ferrules); connection 2: D-SUB pin strip (1x 25-position); cable length: 3 m
Your advantages
Individual wire marking: 1, 2, 3, 4, etc.
•
Twisted pairs fitted with ferrules
•
Screw connection: 2 UNC 4-40 screws
•
Open end at one end
•
D-SUB socket or pin strip at one end
•
Commercial data
Item number
2909607
Packing unit
1 pc
Minimum order quantity
1 pc
Note
Made to order (non-returnable)
Sales key
C421
Product key
DK2BI4
GTIN
4055626682129
Weight per piece (including packing)
693 g
Weight per piece (excluding packing)
660 g
Customs tariff number
85444290
Country of origin
US
CAB-DSUB25M/OE/22/TP/S/ 3M - Cable
2909607
https://www.phoenixcontact.com/us/products/2909607
Mar 7, 2025, 1:39 AM
Page 1 (5)


Similar Part No. - 2909607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909604 PHOENIX-2909604 Datasheet
310Kb / 8P
ME 35 UT BK - Mounting base housing
2909606 PHOENIX-2909606 Datasheet
194Kb / 5P
CAB-DSUB25M/OE/22/TP/S/ 1M - Cable
2909608 PHOENIX-2909608 Datasheet
195Kb / 5P
CAB-DSUB25M/OE/22/TP/S/ 5M - Cable
2909609 PHOENIX-2909609 Datasheet
195Kb / 5P
CAB-DSUB25M/OE/22/TP/S/10M - Cable
More results

Similar Description - 2909607

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2900123 PHOENIX-2900123 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,0M
2900125 PHOENIX-2900125 Datasheet
65Kb / 4P
Round cable - VIP-CAB-FLK14/FR/OE/0,14/1,5M
2903395 PHOENIX-2903395 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/ 1,0M
2903400 PHOENIX-2903400 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/10,0M
2903401 PHOENIX-2903401 Datasheet
67Kb / 3P
Cable - CABLE-EC56/F/OE/0,34/S/15,0M
2903402 PHOENIX-2903402 Datasheet
69Kb / 4P
Cable - CABLE-EC56/F/OE/0,34/S/20,0M
logo
ATGBICS by Approved Tec...
CAB-Q-S-3M-C ATGBICS-CAB-Q-S-3M-C Datasheet
341Kb / 8P
CAB-Q-S-3M Arista Compatible Direct Attach Copper Breakout Cable 40G QSFP to 4x10G SFP (3m, Passive)
CAB-Q-S-AOC-3M-C ATGBICS-CAB-Q-S-AOC-3M-C Datasheet
603Kb / 18P
CAB-Q-S-AOC-3M Arista Compatible Active Optical Breakout Cable 40G QSFP to 4x10G SFP (3m)
CAB-S-S-25G-3M-C ATGBICS-CAB-S-S-25G-3M-C Datasheet
231Kb / 5P
CAB-S-S-25G-3M Arista Compatible Direct Attach Copper Twinax Cable 25G SFP28 (3m, Passive)
logo
PHOENIX CONTACT
2867649 PHOENIX-2867649 Datasheet
186Kb / 6P
Antenna cable - RAD-CAB-EF393- 3M
Dec 6, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com