Electronic Components Datasheet Search
  English  ▼

X  

ADC10461CIWM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC10461CIWM
Description  10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC10461CIWM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button ADC10461CIWM Datasheet HTML 7Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 8Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 9Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 10Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 11Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 12Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 13Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 14Page - National Semiconductor (TI) ADC10461CIWM Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Functional Description
The ADC10461 and the ADC10462 are obsolete and dis-
cussed here for reference only.
The ADC10461, ADC10462 and ADC10464 digitize an ana-
log input signal to 10 bits accuracy by performing two lower-
resolution “flash” conversions. The first flash conversion pro-
vides the six most significant bits (MSBs) of data, and the
second flash conversion provides the four least significant
bits LSBs).
Figure 3 is a simplified block diagram of the converter. Near
the center of the diagram is a string of resistors. At the
bottom of the string of resistors are 16 resistors, each of
which has a value 1/1024 the resistance of the whole resistor
string. These lower 16 resistors (the LSB Ladder ) therefore
have a voltage drop of 16/1024, or 1/64 of the total reference
voltage (V
REF+ −VREF−) across them. The remainder of the
resistor string is made up of eight groups of eight resistors
connected in series. These comprise the MSB Ladder .
Each section of the MSB Ladder has 1⁄8 of the total reference
voltage across it, and each of the LSB resistors has 1/64 of
the total reference voltage across it. Tap points across these
resistors can be connected, in groups of sixteen, to the
sixteen comparators at the right of the diagram.
On the left side of the diagram is a string of seven resistors
connected between V
REF+ and VREF−. Six comparators com-
pare the input voltage with the tap voltages on this resistor
string to provide a low-resolution “estimate” of the input
voltage. This estimate is then used to control the multiplexer
that connects the MSB Ladder to the sixteen comparators on
the right. Note that the comparators on the left needn’t be
very accurate; they simply provide an estimate of the input
voltage. Only the sixteen comparators on the right and the
six on the left are necessary to perform the initial six-bit flash
conversion, instead of the 64 comparators that would be
required using conventional half-flash methods.
To perform a conversion, the estimator compares the input
voltage with the tap voltages on the seven resistors on the
left. The estimator decoder then determines which MSB
Ladder tap points will be connected to the sixteen compara-
tors on the right. For example, assume that the estimator
determines that V
IN is between 11/16 and 13/16 of VREF. The
estimator decoder will instruct the comparator MUX to con-
nect the 16 comparators to the taps on the MSB ladder
between 10/16 and 14/16 of V
REF. The 16 comparators will
then perform the first flash conversion. Note that since the
comparators are connected to ladder voltages that extend
beyond the range indicated by the estimator circuit, errors in
the estimator as large as 1/16 of the reference voltage
(64 LSBs) will be corrected. This first flash conversion pro-
duces the six most significant bits of data — four bits in the
flash itself, and 2 bits in the estimator.
The remaining four LSBs are now determined using the
same sixteen comparators that were used for the first flash
conversion. The MSB Ladder tap voltage just below the input
voltage (as determined by the first flash) is subtracted from
the input voltage and compared with the tap points on the
sixteen LSB Ladder resistors. The result of this second,
four-bit flash conversion is then decoded, and the full 10-bit
result is latched.
Note that the sixteen comparators used in the first flash
conversion are reused for the second flash. Thus, the multi-
step
conversion
technique
used
in
the
ADC10461,
ADC10462, and ADC10464 needs only a small fraction of
the number of comparators that would be required for a
traditional flash converter, and far fewer than would be used
in a conventional half-flash approach. This allows the
ADC10461, ADC10462, and ADC10464 to perform high-
speed conversions without excessive power drain.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com