Electronic Components Datasheet Search
  English  ▼

X  

IRISMPS1 Datasheet(PDF) 5 Page - International Rectifier

Part # IRISMPS1
Description  REFERENCE DESIGN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS1 Datasheet(HTML) 5 Page - International Rectifier

  IRISMPS1 Datasheet HTML 1Page - International Rectifier IRISMPS1 Datasheet HTML 2Page - International Rectifier IRISMPS1 Datasheet HTML 3Page - International Rectifier IRISMPS1 Datasheet HTML 4Page - International Rectifier IRISMPS1 Datasheet HTML 5Page - International Rectifier IRISMPS1 Datasheet HTML 6Page - International Rectifier IRISMPS1 Datasheet HTML 7Page - International Rectifier IRISMPS1 Datasheet HTML 8Page - International Rectifier IRISMPS1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com
5
IRISMPS1
Fig 3) shows the same waveforms as in fig 2) again with a full load output, but this time with a 72VDC input.
Note that the operating frequency has now increased, and the effect of the quasi-resonant switching is now
more pronounced. This is evident by the quarter sine wave nature of the falling edge of the drain waveform, at
the bottom of which the FET is turned on, ensuring that it is turned on at the minimum possible voltage to
reduce the switching losses. Note also the steeper ramp in the FB pin voltage when the FET is on which results
in a shorter on time.
Fig 4) Drain (D) voltage of IRIS4007K (CH1) and the source(S) pin voltage (CH2) at 48VDC in/Full load
output
Fig 4) shows the waveforms for a 48V input and full load output, but this time it show the Source (S) pin
voltage with the drain voltage showing the effect of the primary current ramp, which is seen as a voltage
generated across the current sense resistor R10. Note that this waveform shows some noise on the source
pin voltage which is smothed out by the RC filter comprising R9 and C12. The intial voltage spike at the
start of the ramp is a result of discharging the quasi-resonant capacitor C5 and the primary winding
capacitance of the transformer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com