Electronic Components Datasheet Search
  English  ▼

X  

VSC3040 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC3040
Description  11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC3040 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC3040 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC3040 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC3040
DATA INTERCONNECT
VPPD-01627
Revision 1.0
VSC3040
Switch Core
Programming Interface
Outputs [143:0]
Inputs [143:0]
EQ
EQ
11 Gbps 144 × 144 Asynchronous Crosspoint Switch
FEA TURES:
APPLICA TIONS:
BENEFITS:
11 Gbps 144 × 144 strictly nonblocking switch matrix with multicast and
output striping programming modes
Input signal equalization (ISE) with programmable control globally or on
a per-channel basis
Adjustable output pre-emphasis EQ
Differential current mode logic (CML) data output driver
Protocol-independent switching and data transmission
45 mm × 45 mm, 1.27 mm pin pitch, 1072-pin BGA package
Parallel and serial programming modes for configuration and monitoring
Software control to optimize power dissipation
1.584 Tbps aggregate bandwidth in a single chip for high-density
network switching and video systems
Addresses system-level and board-level signal integrity (SI) and
intersymbol interface (ISI) jitter issues
EQ and drive flexibility for driving boards, backplanes, and circuit traces
Convenient I/O flexibility for interfacing with multiple standards
Can be used with latest storage, Ethernet, and networking standards
Layout-friendly package and pinout for easier PCB design
Programming and control convenience
Control and lower overall power when ports are not in use
High-definition digital broadcast video systems
Multi-service provisioning platforms (MSPPs)
Mixed TDM/packet switching systems
High-speed storage, Ethernet, and networking equipment
DWDM switching systems
High-speed automated test equipment
BLOCK DIAGRAM:


Similar Part No. - VSC3040

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3004 VITESSE-VSC3004 Datasheet
456Kb / 2P
Crosspoint Switch with Integrated Equalization
VSC3008 VITESSE-VSC3008 Datasheet
456Kb / 2P
Crosspoint Switch with Integrated Equalization
More results

Similar Description - VSC3040

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8152 AD-AD8152 Datasheet
1Mb / 32P
34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
1/03-Data Sheet changed from REV. 0 to REV. A.
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
VSC3144 VITESSE-VSC3144 Datasheet
466Kb / 2P
6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
ADN4604 AD-ADN4604 Datasheet
1Mb / 40P
4.25 Gbps, 16 횞 16, Digital Crosspoint Switch
REV. 0
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com