Electronic Components Datasheet Search
  English  ▼

X  

VSC3144 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC3144
Description  6.5 Gbps 144 횞 144 Asynchronous Crosspoint Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC3144 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC3144 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC3144 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC3144
DATA INTERCONNECT
VPPD-01551
Revision 1.0
VSC3144
Switch Core
Programming Interface
Outputs [143:0]
Inputs [143:0]
EQ
EQ
6.5 Gbps 144 × 144 Asynchronous Crosspoint Switch
FEA TURES:
APPLICA TIONS:
BENEFITS:
6.5 Gbps 144 × 144 strictly nonblocking switch matrix with multicast and
output striping programming modes
Input signal equalization (ISE) with programmable control globally or on
a per-channel basis
Adjustable output pre-emphasis EQ
Differential current mode logic (CML) data output driver
Protocol-independent switching and data transmission
16 W typical power dissipation
45 mm × 45 mm, 1.27 mm pin pitch, 1072-pin BGA package
Parallel and serial programming modes for configuration and monitoring
Software control to optimize power dissipation
936 Gbps aggregate bandwidth in a single chip for high-density network
switching and video systems
Addresses system-level and board-level signal integrity (SI) and
intersymbol interface (ISI) jitter issues
EQ and drive flexibility for driving boards, cables, and circuit traces
Convenient I/O flexibility for interfacing with multiple standards
Can be used with latest storage, Ethernet, and networking standards
Low per-channel power
Layout-friendly package and pinout for easier PCB design
Programming and control convenience
Control and lower overall power when ports are not in use
Core and metro transport
Enterprise
High-speed automated test equipment
Broadcast video systems
Storage, Ethernet, and networking equipment
BLOCK DIAGRAM:


Similar Part No. - VSC3144

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3140 VITESSE-VSC3140 Datasheet
165Kb / 2P
3.6Gb/s 144x144 Asynchronous Crosspoint Switch
More results

Similar Description - VSC3144

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC3040 VITESSE-VSC3040 Datasheet
561Kb / 2P
11 Gbps 144 횞 144 Asynchronous Crosspoint Switch
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
VSC3172 VITESSE-VSC3172 Datasheet
463Kb / 2P
6.5 Gbps 72 횞 72 Asynchronous Crosspoint Switch
VSC3304 VITESSE-VSC3304 Datasheet
763Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
VSC3312 VITESSE-VSC3312 Datasheet
665Kb / 2P
6.5 Gbps 12x12 Crosspoint Switch
logo
Analog Devices
ADN4600 AD-ADN4600 Datasheet
1Mb / 28P
4.25 Gbps, 8 횞 8, Asynchronous Crosspoint Switch
REV. 0
logo
Vitesse Semiconductor C...
VSC3303XHV VITESSE-VSC3303XHV Datasheet
754Kb / 2P
8.5 Gbps 4 횞 4 Crosspoint Switch
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3312YP VITESSE-VSC3312YP Datasheet
1Mb / 2P
6.5 Gbps 12x12 Crosspoint Switch
logo
M/A-COM Technology Solu...
M21145 MA-COM-M21145 Datasheet
328Kb / 2P
6.5 Gbps 80x80/160x160 Crosspoint Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com