Electronic Components Datasheet Search
  English  ▼

X  

VSC5531 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC5531
Description  10 GHz to 12.5 GHz Clock Driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC5531 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC5531 Datasheet HTML 1Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRANSPORT PRODUCTS
LASER DIODE DRIVERS
VSC5531
10 GHz to 12.5 GHz Clock Driver
Features:
High Sensitivity Input
Large Output Amplitude
Digital and Analog Phase Shift Capability
Temperature Compensated Output Control
Small Form Factor (1.4” x 1.4” x 0.4”)
The VSC5531 is a power amplifier module that accepts a low level
sinusoidal signal and generates a high quality output signal suitable
for driving a Lithium Niobate RZ optical modulator. This module
incorporates linear gain control, 2-bit digital phase shift control, and
a wide linear phase shift control capability. The VSC5531 also incorporates
a built-in temperature compensation of gain control. The module is
hermetic, and dissipates 5.5 W of power.


Similar Part No. - VSC5531

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC5529 VITESSE-VSC5529 Datasheet
433Kb / 2P
9.9 Gb/s - 12.5 Gb/s NRZ LiNbO3 Modulator Driver
More results

Similar Description - VSC5531

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0037-DIE MACOM-MAAPGM0037-DIE Datasheet
189Kb / 5P
Amplifier, Power, 1.0W 6.5-12.5 GHz
logo
Analog Devices
ADL5321 AD-ADL5321 Datasheet
196Kb / 9P
2.3 GHz to 4.0 GHz RF Driver Amplifier
Jan-2008
ADL5321 AD-ADL5321_1 Datasheet
445Kb / 16P
2.3 GHz to 4.0 GHz RF Driver Amplifier
REV. 0
logo
Transcom, Inc.
TA125-160-37-25 TRANSCOM-TA125-160-37-25 Datasheet
17Kb / 1P
12.5 - 16 GHz 25 dBm Amplifier
logo
Excelics Semiconductor,...
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
12.5 - 16.5 GHz Power Amplifier MMIC
EMP215-Q5 EXCELICS-EMP215-Q5 Datasheet
124Kb / 3P
12.5 - 16.5 GHz Surface-Mounted PA
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
12.5 - 15.5 GHz Power Amplifier MMIC
logo
Transcom, Inc.
TC1931D TRANSCOM-TC1931D Datasheet
85Kb / 3P
12.5 - 15.5 GHz 21dBm MMIC
logo
Custom MMIC Design Serv...
CMD191C4 MMIC-CMD191C4 Datasheet
246Kb / 10P
4-10 GHz Driver Amplifier
logo
Qorvo, Inc
CMD315C4 QORVO-CMD315C4 Datasheet
396Kb / 12P
4-10 GHz Driver Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com