Electronic Components Datasheet Search
  English  ▼

X  

VSC7147 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7147
Description  Hex PBC with Dual Repeater/Retimer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7147 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7147 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7147 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!User-selectable, on-chip receive termination at either 100
Ω
or 150
Ω
!Speed independent Tx and Rx paths aid in Fibre Channel
Auto-Speed Negotiation – Allows the device to migrate as
the specification evolves
!Device can be strapped for 1 or 2Gb/s operation – Supports
dual speed storage applications
!World-class signal integrity for jitter compliance – Reduces
debug and redesign efforts
!Twodigital Signal Detect Units to detect the presence of
valid Fibre Channel encoded serial data - Improves signal
detect reliability
!User selectable Pre-Emphasis on all high-speed outputs -
distorts outputs signal for improved signal driving over long
trace and cable distances
!106.25MHz reference clock
!5V-tolerant LVTTL inputs – Provides design flexibility and
backward compatibility
!Cable equalization on all high-speed inputs – Manages and
corrects signal latency and distortion
!Single 2.5V supply - Reduces wiring complexity
!100-pin, 14mm exposed pad TQFP package - Ideal for compact
JBOD designs
FEA TURES:
!Industry’s first IC with six Port Bypass Circuits (PBC)
supporting both 1.0625Gb/s and 2.125Gb/s Fibre Channel
data rates – Dual mode provides flexibility by having one
device for new and legacy designs
!Two FibreTimer™ Cells configurable as:
- Repeaters for low latency
- Retimers for true Fibre Channel Compliance
-Reduces external retimer components, provides design
flexibility by allowing mixing and matching of the functions
for design optimization
!Digital design of the FibreTimers produce a device that is well
controlled over voltage, process and temperature variations
Provides a more robust and reliable design
VSC7147 and VSC7147-01 - Hex PBC with Dual Repeater/Retimer
DATACOM PRODUCTS
PB-VSC7147-002
VSC7147
InSpeed™ is a registered trademark of Vixel Corporation.


Similar Part No. - VSC7147

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7140QJ VITESSE-VSC7140QJ Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
VSC7145RU-30 VITESSE-VSC7145RU-30 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
More results

Similar Description - VSC7147

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7127 VITESSE-VSC7127 Datasheet
174Kb / 12P
Family of Repeater/Retimer and Port Bypass Circuits for Fibre Channel
VSC7128 VITESSE-VSC7128 Datasheet
92Kb / 10P
Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
logo
Broadcom Corporation.
BCM8422 BOARDCOM-BCM8422 Datasheet
162Kb / 2P
4-CHANNEL 1/2/4G FIBRE CHANNEL INTELLIGENT LOOP CIRCUIT/ DUAL RETIMER/REPEATER WITH EYEOPENER-R
logo
Siemens Semiconductor G...
PEB2050 SIEMENS-PEB2050 Datasheet
680Kb / 18P
Peripheral Board Controller(PBC)
logo
Vitesse Semiconductor C...
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC8228 VITESSE-VSC8228 Datasheet
231Kb / 2P
Dual Channel Multirate Signal Conditioner and Retimer
logo
Texas Instruments
DS100TB211 TI1-DS100TB211 Datasheet
310Kb / 5P
Low Power, Dual Lane Thunderbolt Retimer
logo
California Eastern Labs
THC63LVD1027 CEL-THC63LVD1027_15 Datasheet
946Kb / 24P
Dual Link LVDS Repeater
logo
THine Electronics, Inc.
THC63LVD1027 THINE-THC63LVD1027_15 Datasheet
798Kb / 23P
Dual Link LVDS Repeater
logo
Integrated Device Techn...
HXC42200 IDT-HXC42200 Datasheet
190Kb / 3P
28G ??Dual Channel CDR/Retimer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com