Electronic Components Datasheet Search
  English  ▼

X  

VSC7148 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7148
Description  16-Port JBOD Loop Chip for 1.0625 Gb/s FC-AL Storage Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7148 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7148 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7148 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHYSICAL LAYER PRODUCT
VSC7148
SPECIFICA TIONS:
On-chip terminators selectable as 100/150 ohm
3.3V Power Supply, 4.3 W
256-pin, 27mm Thermally Enhanced BGA
BLOCK DIAGRAM:
16-Port JBOD Loop Chip for 1.0625 Gb/s FC-AL Storage Applications
APPLICA TIONS:
1.0625 Gb/s FC-AL JBODs
FEA TURES:
All the Functionality Needed to Implement a Complete Daisy-
Chainable 16-drive 1 Gb/s FC-AL JBOD Subsystem
Two Host Ports with Two Pairs of FibreTimer™ Clock Recovery
Units (CRUs) Configurable as Either Repeaters or Retimers
Sixteen Port Bypass Circuits (PBC) for Drive Control
Sixteen PBC Internal Snoop Loop™ for Loop Diagnostics
Configurable as Either a Single 16-drive Loop or Two 8-drive Loops
I2C Interface for Configuration/Status/Control
Seamless Interface to Enclosure Management Chipsets such as the
Vitesse SSC100/VSC120/VSC055 for Managed JBOD Applications
DATACOM PRODUCTS
PB-VSC7148-001


Similar Part No. - VSC7148

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7140QJ VITESSE-VSC7140QJ Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
VSC7142 VITESSE-VSC7142 Datasheet
93Kb / 2P
Dual Repeater/Retimer for Fibre Channel and Gigabit Ethernet
VSC7145 VITESSE-VSC7145 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
VSC7145RU-30 VITESSE-VSC7145RU-30 Datasheet
746Kb / 2P
Dual Speed 10-bit Serializer/Deserializer
More results

Similar Description - VSC7148

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSC100 ETC-SSC100 Datasheet
25Kb / 2P
FC-AL Embedded Controller
logo
Vitesse Semiconductor C...
VSC7140 VITESSE-VSC7140 Datasheet
115Kb / 12P
1.0625 Gb/s Fibre Channel Dual Repeater / Hub Node
logo
PMC-Sierra, Inc
PM8372 PMC-PM8372 Datasheet
279Kb / 2P
4-Port FC/GE Retimer and FC-AL Port Bypass Controller
logo
Vitesse Semiconductor C...
VSC7122 VITESSE-VSC7122 Datasheet
93Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
VSC7128 VITESSE-VSC7128 Datasheet
92Kb / 10P
Hex Port Bypass Circuit / Dual Repeater for 1.0625 Gb/s FC-AL Disk Arrays
VSC7121 VITESSE-VSC7121 Datasheet
67Kb / 12P
Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays
logo
PMC-Sierra, Inc
PM8379 PMC-PM8379 Datasheet
78Kb / 2P
20-Port 4.25 Gbit/s FC-AL Cut-Through Switch
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-57L5AP AVAGO-HFBR-57L5AP Datasheet
460Kb / 18P
Digital Diagnostic SFP 850 nm Transceiver for Fibre Channel 1.0625 Gb/s and Ethernet 1.25 Gb/s
logo
Advantech Co., Ltd.
SKY-4120B ADVANTECH-SKY-4120B Datasheet
1Mb / 2P
2U 24-Bay JBOD Enclosure for High-Availability Applications
27-Jun-2018
logo
Schneider Electric
HMIYSD016C1 SCHNEIDER-HMIYSD016C1 Datasheet
98Kb / 1P
SD card, Harmony iPC, storage industrial grade 16 GB for HMIBSC
May 6, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com