Electronic Components Datasheet Search
  English  ▼

X  

TVME211-DOC Datasheet(PDF) 1 Page - TEWS Technologies GmbH

Part # TVME211-DOC
Description  VMEbus Carrier for 2 IndustryPacks
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TVME211-DOC Datasheet(HTML) 1 Page - TEWS Technologies GmbH

  TVME211-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TVME211-DOC Datasheet HTML 2Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.3
2019-09-25
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
TVME211
VMEbus Carrier for 2 IndustryPacks®
Application Information
The TVME211 is a 3U VMEbus Carrier for up to two
single- size or one double-size IndustryPack (IP) modules
allowing to build up modular, flexible and cost effective I/O
solutions for all kinds of applications like process control,
medical systems, telecommunication and traffic control.
Two 50 pin 0.1 inch flat ribbon cable connectors mounted
in the front panel of the TVME211 provide access to all IP
I/O lines.
A set of 16-position rotary switches allows easy
configuration of VME Short I/O and Memory addresses.
Interrupt routing from the IP slots to the VME IRQ’s can be
done in two ways: programmable by software or selection
of predefined sets by a rotary switch.
The IP power lines are fuse protected by self healing fuses
and RF filtered. The operating temperature range is -40°C
and +85°C.
Technical Information
Form Factor: VMEbus board, 3U
VMEbus Slave Interface:
Short I/O: A16, D08/16, size: 512 bytes
Standard Memory: A24, D08/16,
Size: programmable, 32 Kbytes to 4 Mbytes per
IP or 2 Mbytes to 8 Mbytes for one IP
Interrupts: IRQ1-7
ANSI/VITA 4-1995 compliant interface to
IndustryPack modules
IndustryPack slots: Two single-size or one
double-size with front panel I/O
8 MHz interface, no DMA
Routing of IP Interrupt Levels to VME IRQ1-7:
programmable by software or selection of
predefined sets by a rotary switch
I/O access: 50 pin 0.1 inch flat ribbon cable
connector (stacked version) per IP mounted in
front panel
Self Healing fuses and RF-filtering on all IP power
lines
Operating temperature –40°C to +85°C


Similar Part No. - TVME211-DOC

ManufacturerPart #DatasheetDescription
logo
TEWS Technologies GmbH
TVME210 TEWS-TVME210 Datasheet
240Kb / 2P
VMEbus Carrier for 2 IndustryPacks
2019-09-25
TVME210-10R TEWS-TVME210-10R Datasheet
240Kb / 2P
VMEbus Carrier for 2 IndustryPacks
2019-09-25
TVME210-11R TEWS-TVME210-11R Datasheet
240Kb / 2P
VMEbus Carrier for 2 IndustryPacks
2019-09-25
TVME210-DOC TEWS-TVME210-DOC Datasheet
240Kb / 2P
VMEbus Carrier for 2 IndustryPacks
2019-09-25
More results

Similar Description - TVME211-DOC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C960 CYPRESS-CY7C960 Datasheet
250Kb / 10P
Low Cost VMEbus Interface Controller Family
VAC068A CYPRESS-VAC068A Datasheet
190Kb / 6P
VMEbus Address Controller
VIC068A CYPRESS-VIC068A Datasheet
280Kb / 15P
VMEbus Interface Controller
logo
List of Unclassifed Man...
CB-96-G1 ETC2-CB-96-G1 Datasheet
752Kb / 5P
Carrier Board for
logo
STMicroelectronics
AN968 STMICROELECTRONICS-AN968 Datasheet
100Kb / 4P
VMEbus TIMEKEEPER
17-Jul-2012
logo
PHOENIX CONTACT
0823753 PHOENIX-0823753 Datasheet
53Kb / 3P
Conductor marker carrier - PATO 2/18
09/11/2020
1013889 PHOENIX-1013889 Datasheet
52Kb / 3P
Conductor marker carrier - PATO 2/10
09/11/2020
logo
WAGO Kontakttechnik Gmb...
2020-1407 WAGO-2020-1407 Datasheet
1Mb / 14P
2-conductor/2-pin ground carrier terminal block;
25.11.2021
logo
AAEON Technology
TF-ECB-916M-B11-01 AAEON-TF-ECB-916M-B11-01 Datasheet
563Kb / 2P
COM Express Carrier Board for PICMG COM.0 R2.0 Type 2
UP-APL03CB-A10-0001 AAEON-UP-APL03CB-A10-0001 Datasheet
469Kb / 1P
UP 4000 Carrier Board for M.2 2230/3042/3052/2280
2022/12/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com