Electronic Components Datasheet Search
  English  ▼

X  

TVME220-DOC Datasheet(PDF) 2 Page - TEWS Technologies GmbH

Part # TVME220-DOC
Description  VME64x Carrier for 4 IndustryPacks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEWS [TEWS Technologies GmbH]
Direct Link  https://www.tews.com/
Logo TEWS - TEWS Technologies GmbH

TVME220-DOC Datasheet(HTML) 2 Page - TEWS Technologies GmbH

  TVME220-DOC Datasheet HTML 1Page - TEWS Technologies GmbH TVME220-DOC Datasheet HTML 2Page - TEWS Technologies GmbH TVME220-DOC Datasheet HTML 3Page - TEWS Technologies GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TEWS TECHNOLOGIES GmbH keeps the right to change technical specification without further notice.
All trademarks mentioned are property of their respective owners.
Issue 1.1.3
2019-09-25
TEWS TECHNOLOGIES GmbH
Am Bahnhof 7
25469 Halstenbek, Germany
Phone: +49 (0) 4101 4058 0
Fax: +49 (0) 4101 4058 19
e-mail: info@tews.com
www.tews.com
The Embedded I/O Company
Technical Information
Form Factor: VME64x-Board, 6U
VME64 (ANSI/VITA 1-1994) and VME64x (ANSI/VITA
1.1-1997) compliant Slave Interface
Short I/O: A16, D08/16, size: 1 Kbytes
Standard Memory: A24, D08/16
Size: 32 Kbytes to 2 Mbytes per IP
Extended Memory: A32, D08/16
Size: fixed, 8 Mbytes per IP
Interrupts: IRQ1-7
ANSI/VITA 4-1995 compliant interface to
IndustryPack modules
IndustryPack slots: Four single-size or two
double-size with back I/O via P0 and P2
8 MHz interface, no DMA
Routing of IP Interrupt Levels to VME IRQ1-7:
programmable by software or selection of
predefined sets by a rotary switch
ANSI/VITA 4.1-1996 compliant mapping of IP I/O
lines to VME64x connectors P0 and P2
Status LED’s:
ACK LED for each IP module
+5V Power LED for each IP slot
+12V and –12V Power LED
Self Healing fuses and RF-filtering on all IP power
lines
Operating temperature –40°C to +85°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com