Electronic Components Datasheet Search
  English  ▼

X  

VSC7346 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7346
Description  Ethernet MAC with SPI-4.2 and XAUI Host Interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7346 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7346 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7346 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7344 and VSC7346
ETHERNET PRODUCTS
VPPD-01898
Revision 1.0
VSC7344
VSC7346
Ethernet Line Ports
SGMII
Shaper/Scheduler
Buffer Resource Manager
Statistics
CPU
Interface
SPI-4 Host
100-FX
1000-X
Triple-
Speed
MAC
VSC7344
Barrington-II
Ethernet Line Ports
SGMII
100-FX
1000-X
Triple-
Speed
MAC
×24
Host Interfaces
XAUI
Host
XAUI
Host
Barrington-Il™ — 24 × 10/100/1000 and 2 × 10G Ethernet MAC with SPI-4.2 and XAUI Host Interfaces
Schaumburg-Il™ — 12 × 10/100/1000 and 1 × 10G Ethernet MAC with SPI-4.2 and XAUI Host Interfaces
BLOCK DIAGRAM:
FEATURES:
Supports full line rate (24G)
Expandable to 48 triple-speed ports
SPI-4.2 or XAUI host interface provides seamless connection to a variety of 10G and next-generation 20G/40G
packet processors
10/100/1000M and 10G line ports reduce the number of components needed to build high-density line cards
2:1 and 4:1 oversubscription eliminates unused bandwidth at the client interface and fully utilizes shared network
services processor
Connects directly to 1G copper PHYs, 100M/1G optical SFP modules, and 10G XENPAK/X2 optical modules
Advanced Quality of Service (QoS) guarantees delivery of differentiated services
Full RMON 1 statistics and applicable IEEE-802.3 and SNMP statistics provide extensive support for performance monitoring
and billing
KEY SPECIFICATIONS:
1.2 V core power supply
1.8 V and 2.5 V interface power supply
10 W power dissipation
27 mm × 27 mm, 672-pin, flip chip ball grid array (FCBGA) package


Similar Part No. - VSC7346

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
VSC7301/7303 PULSE-VSC7301/7303 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
List of Unclassifed Man...
VSC7303 ETC-VSC7303 Datasheet
467Kb / 2P
Stapleford??- 24-port Gigabit Ethernet Switch-on-a-Chip
logo
Vitesse Semiconductor C...
VSC7310-01 VITESSE-VSC7310-01 Datasheet
488Kb / 2P
24-Port 10/100/1000 and 2-Port 10 Gbps Wire-Speed Stackable Layer-2/Layer-3 Ethernet Switch
VSC7323 VITESSE-VSC7323 Datasheet
464Kb / 2P
Meigs-IIe??- 10 x 1G and 10G Ethernet MAC Chip
VSC7324 VITESSE-VSC7324 Datasheet
478Kb / 2P
24x10/100/1000 Ethernet MAC with SPI-4.2 System Interface
More results

Similar Description - VSC7346

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
UPF01002 INFINEON-UPF01002 Datasheet
165Kb / 2P
10 Gigabit/s Ethernet Transceiver with OC-192c Framer and XAUI Interface
2002
logo
Vitesse Semiconductor C...
VSC8234 VITESSE-VSC8234 Datasheet
432Kb / 2P
10/100/1000BASE-T PHY with SGMII and SerDes MAC Interfaces
VSC7324 VITESSE-VSC7324 Datasheet
478Kb / 2P
24x10/100/1000 Ethernet MAC with SPI-4.2 System Interface
logo
Micrel Semiconductor
KSZ8841-16MQL MICREL-KSZ8841-16MQL Datasheet
106Kb / 2P
Single-Port Ethernet MAC Single-Port Ethernet MAC
logo
Teridian Semiconductor ...
78Q8430 TERIDIAN-78Q8430 Datasheet
1Mb / 88P
10/100 Ethernet MAC and PHY
logo
Texas Instruments
TNETA1575 TI1-TNETA1575 Datasheet
693Kb / 45P
ATM SEGMENTATION AND REASSEMBLY DEVICE WITH PCI-HOST AND COPROCESSOR INTERFACES
logo
Murata Manufacturing Co...
SCC1300-D02 MURATA-SCC1300-D02 Datasheet
802Kb / 34P
Combined Gyroscope and 3-axis Accelerometer with digital SPI interfaces
logo
AAEON Technology
NIM-S26A AAEON-NIM-S26A Datasheet
120Kb / 1P
pci-express host interfaces
logo
Davicom Semiconductor, ...
DM9051 DAVICOM-DM9051 Datasheet
90Kb / 4P
SPI to Ethernet MAC Controller
logo
AAEON Technology
NIM-S26C AAEON-NIM-S26C Datasheet
161Kb / 1P
PCI-Express Host Interfaces
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com