Electronic Components Datasheet Search
  English  ▼

X  

PCAL9722HNMP Datasheet(PDF) 30 Page - NXP Semiconductors

Part # PCAL9722HNMP
Description  Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCAL9722HNMP Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button PCAL9722HNMP Datasheet HTML 26Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 27Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 28Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 29Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 30Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 31Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 32Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 33Page - NXP Semiconductors PCAL9722HNMP Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 63 page
background image
NXP Semiconductors
PCAL9722
Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and
reset
8 Application design-in information
PCAL9722
P0_0
P0_1
SCLK
SDOUT
SDIN
VDD
SCLK
MISO
MOSI
P0_2
P0_3
MASTER
CONTROLLER
VSS
VDD(SPI) = 1.8 V
controlled
switch
A
B
enable
INT
VDD(P)
INT
10 k
SUBSYSTEM 1
(e.g., alarm system)
ALARM(1)
P0_4
P0_5
P0_6
P0_7
RESET
RESET
CS
CS
VDD(P)
aaa-015943
P1_0
P1_1
P1_2
P1_3
P1_4
P1_5
P1_6
P1_7
VDD(SPI)
VDD(SPI)
ADDR
KEYPAD
10 k
10 k (× 7)
P2_5
P2_4
P2_3
P2_2
P2_1
P2_0
STATUS
MONITOR
VSS
Device address configured as 0100 000x for this example.
P0_0 and P0_2 through P1_0 are configured as inputs.
P0_1 and P1_1 through P1_7, and P2_0 through P2_5 are configured as outputs.
1. External resistors are required for inputs (on P port) that may float. If a driver to an input will never let the input float,
a resistor is not needed with internal pull-up or pull-down resistor option. If an output in the P port is configured as an
output, there is no need for external pull-up resistors.
Figure 14. Typical application
8.1 Output drive strength control
The Output drive strength registers allow the user to control the output drive level of the GPIO. Each GPIO can
be configured independently to one of the four possible output current levels. By programming these bits the
user is changing the number of transistor pairs or ‘fingers’ that drive the I/O pad.
Figure 15 shows a simplified output stage. The behavior of the pad is affected by the Configuration register, the
output port data, and the current control register. When the Current Control register bits are programmed to 01b,
then only two of the fingers are active, reducing the current drive capability by 50 %.
PCAL9722
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.1 — 1 May 2023
30 / 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com