Electronic Components Datasheet Search
  English  ▼

X  

MF-SMHT136 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-SMHT136
Description  MF-SMHT Series - PTC Resettable Fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-SMHT136 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-SMHT136 Datasheet HTML 1Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 2Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 3Page - Bourns Electronic Solutions MF-SMHT136 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
*
RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-SMHT Series - PTC Resettable Fuses
Max. Time
Tripped
Ihold
Itrip
To Trip
Power
Resistance
Dissipation
Model
Amperes
Ohms
Amperes
Seconds
Watts
V max.
I max.
at 23
°C
at 23
°C
at 23
°C
at 23
°C
at 23
°C
Volts
Amps
Hold
Trip
RMin.
R1Max.
Max.
Typ.
MF-SMHT136
16
100
1.36
2.72
0.085
0.33
8.0
10.0
2.1
MF-SMHT160
16
100
1.60
3.20
0.050
0.15
8.0
10.0
2.1
Electrical Characteristics
4A
136
4A
136
Features
■
Operating temperature range up to 125 °C
■
Low thermal derating factor
■
Higher hold currents at elevated
temperature
■
Choice of operating currents
■
RoHS compliant*
Applications
■
Protection of automotive circuitry
including engine control modules
■
Overcurrent surge protection of electronic
equipment required to operate at high
operating temperature ranges
■
Resettable fault protection of general
electronic equipment
Thermal Derating Chart - Ihold / Itrip (Amps)
Operating Temperature ..............................................................-40 °C to +125 °C
Storage Temperature ................................................................-40 °C to +85 °C
Passive Aging ............................................................................+125 °C, 1000 hours ........................................................±15 % typical resistance change
Humidity Aging ..........................................................................+85 °C, 85 % R.H. 7 days................................................±15 % typical resistance change
Thermal Shock ..........................................................................MIL-STD-202F, Method 107G, ........................................±15 % typical resistance change
+125 °C to -55 °C,10 cycles
Vibration ....................................................................................MIL-STD-883C, Method 2007.1, Condition A..................No change
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................Verify dimensions and materials ............................................Per MF physical description
Resistance..........................................In still air @ 23 °C ..................................................................Rmin ≤ R ≤ R1max
Time to Trip ........................................At specified current, Vmax, 23 °C ........................................T ≤ max. time to trip (seconds)
Hold Current ......................................30 min. at Ihold ......................................................................No trip
Trip Cycle Life ....................................Vmax, Imax, 100 cycles ........................................................No arcing or burning
Trip Endurance ..................................Vmax, 48 hours......................................................................No arcing or burning
Solderability ......................................MIL-STD-202F, Method 208F ................................................95 % min. coverage
Test Procedures And Requirements For Model MF-SMHT Series
Ambient Operating Temperature
Model
-40
°C
-20
°C0 °C
23
°C
40
°C
50
°C
60
°C
70
°C
85
°C
125
°C
MF-SMHT136
1.91 / 3.82 1.72 / 3.44 1.54 / 3.08 1.36 / 2.72 1.18 / 2.36 1.09 / 2.18 1.00 / 2.00 0.91 / 1.82 0.77 / 1.54 0.40 / 0.80
MF-SMHT160
2.15 / 4.30 1.96 / 3.92 1.78 / 3.56 1.60 / 3.20 1.42 / 2.48 1.33 / 2.66 1.24 / 2.48 1.15 / 3.30 1.02 / 2.04 0.64 / 1.28
Circuit Protection Division
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - MF-SMHT136

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-SMHT136 BOURNS-MF-SMHT136 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136 Datasheet
975Kb / 7P
MF-SMHT Series - PTC Resettable Fuses
REV. K, 04/24
MF-SMHT136 BOURNS-MF-SMHT136 Datasheet
794Kb / 3P
Bourns Introduces Eleven New Multifuse® PPTC Resettable Fuse Design Kits
Mar 31, 2015
MF-SMHT136-2 BOURNS-MF-SMHT136-2 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SMHT136-2 BOURNS-MF-SMHT136-2 Datasheet
78Kb / 1P
New Bourns® Design Kit CCAUTO-LAB1 DC/DC Circuit Conditioning Lab Kit
More results

Similar Description - MF-SMHT136

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-PSMF010X BOURNS-MF-PSMF010X Datasheet
300Kb / 3P
MF-PSMF Series - PTC Resettable Fuses
MF-R110-2 BOURNS-MF-R110-2 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MFMSMF BOURNS-MFMSMF Datasheet
319Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-R110-0-99 BOURNS-MF-R110-0-99 Datasheet
210Kb / 6P
MF-R Series - PTC Resettable Fuses
MF-SM100-2 BOURNS-MF-SM100-2 Datasheet
298Kb / 5P
MF-SM Series - PTC Resettable Fuses
MF-SM200-2 BOURNS-MF-SM200-2 Datasheet
290Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-SM125-2 BOURNS-MF-SM125-2 Datasheet
287Kb / 4P
MF-SM Series - PTC Resettable Fuses
MF-MSMF200-2 BOURNS-MF-MSMF200-2 Datasheet
356Kb / 5P
MF-MSMF Series - PTC Resettable Fuses
MF-GSMF BOURNS-MF-GSMF Datasheet
312Kb / 6P
MF-GSMF Series – PTC Resettable Fuses
REV. B, 09/19
MF-NSHT BOURNS-MF-NSHT Datasheet
344Kb / 6P
MF-NSHT Series - PTC Resettable Fuses
REV. F 07/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com