Electronic Components Datasheet Search
  English  ▼

X  

COBALT-RSSD Datasheet(PDF) 2 Page - Kontron

Part # COBALT-RSSD
Description  COBALT™ REMOVABLE SOLID STATE DRIVE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KONTRON [Kontron]
Direct Link  https://www.kontron.com/en
Logo KONTRON - Kontron

COBALT-RSSD Datasheet(HTML) 2 Page - Kontron

  COBALT-RSSD Datasheet HTML 1Page - Kontron COBALT-RSSD Datasheet HTML 2Page - Kontron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FORM FACTOR
1.8” Solid State Drive
MTBF
> 2M hours
INSERTION/EXTRATION
> 10,000 cycles
TEMPERATURE
-40C to +71°C
WEIGHT
0.25 lbs (0.11 kg)
DIMENSIONS
2.4” (61mm) W x 4.1” (104mm) D x 0.34” (8.6mm) H
www.kontron.com
// 2
CORPORATE OFFICES
PART NO.
DESCRIPTION
5160550-2
RSSD, 128GB
5160550-3
RSSD, 256GB
5160550-4
RSSD, 512GB
5160550-5
RSSD, 1TB
ORDERING INFORMATION
TECHNICAL INFORMATION
The Removable Solids State Drives (RSSD) are
small form factor 1.8" Serial ATA drives that are
housed in independent aluminum canisters. This
specialized housing is designed to install easily
into the COBALT™ system front removable drive
bay and supports high shock and vibration
requirements required.
A specialized connector ensures continued
reliability even after thousands of
insertion/extraction cycles. Once installed,
the RSSD cover on the COBALT™ system can
be hand tightened down onto the housing
to ensure the RSSD remains fixed into the
system and provides the environmental
protection.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com