Electronic Components Datasheet Search
  English  ▼

X  

VSC7389 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7389
Description  16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7389 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7389 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7389 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL DESCRIPTION:
16-Port Integrated Layer-2 Gigabit Ethernet Smart Switch with Transceivers
VSC7389
VSC7389 SparX-G16™ is the highly integrated, single-
chip Gigabit Ethernet switch with 8 Integrated GbE
Copper PHY ports. As part of the Vitesse SparX™
Family of Switches, SparX-G16 delivers high per-
formance with easy migration paths, and comp-
rehensive system solutions that enable ultra-short
time-to-market and market-leading system cost.
A Vitesse Switch Family Member
SparX-G16 is a part of the Vitesse SparX™ Family of
Unmanaged or Web-Managed Switches and takes the family
into a new generation of integration. With its 8 tri-speed Gigabit
Ethernet copper ports and 8 SGMII ports, it is specifically
targeted at SMB, SME, and SOHO unmanaged applications,
and with its on-chip V-Core CPU and parallel CPU interface, it
enables web-managed and managed switch applications.
Being a member of the SparX™ switch family provides a number
of unique advantages when designing with the device, including
software compatibility between members. Software written for
SparX-G16 can therefore easily be ported from or used with
other switch configurations in the family, and vice-versa.
Additionally, building a product family is easy when designing
with Vitesse switches. Upgrading designs to higher port
counts, or migrating to other configurations or future
technology is achievable with a minimum of effort and time.
The Vitesse SparX Family Of Switches
SparX-G16, as part of the Vitesse SparX Family of Switches,
shares the unique traits of the family.
The highly integrated switches require no external memory,
and the integration of copper PHY as well as internal oscillator
circuits simplifies the design effort. The requirement of
needing only 2 power supply rails reduces the additional
DC/DC converter cost. Further trimming down system cost is
the persistently low power dissipation of the family. In
addition, the value-added features in SparX-G16 enables the
customer to provide advanced features without the need of
enterprise class silicon.
The switches provide non-blocking, wire-speed performance
designs with wire-speed MAC address learning or CPU-based
address learning.
Designing both unmanaged and managed solutions is straight-
forward. The devices offer both an internal V-Core CPU and serial
and parallel CPU interfaces, and support a host of management
protocols such as GxRP, SNMP, and three flavors of Spanning Tree:
Standard STP, Multiple STP, and Rapid STP.
Controlling networks operated by the Vitesse switches is simple;
advanced classification with IPv4 and IPv6 support, along with port
DSCP remarking and 802.1x authentication support, provide flexible
QoS operation. This is backed up by Layer 2–4 link aggregation and
VLAN support, enabling managed switches to be deployed.
With its unique low power dissipation, SparX-G16 reduces thermal
management cost for system design and thereby provides for
higher system reliability to the benefit of the user.
Designing with Vitesse SparX Family of Switches means designing
with the whole Vitesse Solution:
The outstanding Vitesse web-managed switch software system that
runs on the on-chip V-Core CPU is provided. This is in addition to the
unmanaged and smart managed software systems for an external
8051, which are also included. For homegrown software development,
our full platform and OS independent switch API is supplied.
Accompanying the software systems are the Vitesse Switch
Reference Systems. These are production-ready hardware designs
that also serve as evaluation platforms for our switches.
The Vitesse Solution is supplied with a comprehensive collateral
package, which includes software source code, full documentation,
and an in-depth qualification report for easy pre-evaluation.
BLOCK DIAGRAM:
SPECIFICA TIONS:
425-MHz, 125-MHz LVTTL Reference Clock
43.3 V Interface Power Supply
41.2 V Core Power Supply
4Thermally Enhanced PBGA Package
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
Trademarks ™
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington, PaceMaker, HOVCAT48,
HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, VersaCAT, GigaStream, HawX, SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP
PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or
registered trademarks mentioned herein are the property of their respective holders.
Copyright © 2005
Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or manufacturability. All
information in this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any
time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by Vitesse for its use. Furthermore, the information contained
herein does not convey to the purchaser of microelectronic devices any license under the patent right of any manufacturer.
Analyzer/Arbiter
V-Core CPU (iCPU)
RS232 Interface
Serial Interface
Parallel Interface
MII Management Interface
Control/Status
Registers
MII 10/100 for CPU
Packets
GPIO
SI
PI or iCPU
RAM/Flash
Frame Bus
...
8 Copper Interfaces
Tri-Speed
Copper PHY
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
Tri-Speed
Copper PHY
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
SGMII Macro
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
8 SGMII
SGMII Macro
Tri-Speed MAC
Categorizer
Rewriter
Shared Rx and
Tx FIFO
Scheduler
MIIM
RS232
#0 - 7
MII 10/100
#8 - 15



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com