Electronic Components Datasheet Search
  English  ▼

X  

2016L030 Datasheet(PDF) 1 Page - Littelfuse

Part # 2016L030
Description  POLYFUSE짰 Resettable PTCs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

2016L030 Datasheet(HTML) 1 Page - Littelfuse

  2016L030 Datasheet HTML 1Page - Littelfuse 2016L030 Datasheet HTML 2Page - Littelfuse 2016L030 Datasheet HTML 3Page - Littelfuse 2016L030 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
2016L Series
Specifications are subject to change without notice.
1
Electronics Designers Guide
2016L Series
The 2016L series device provides surface mount
overcurrent protection for low voltage (
≤60V) applications
where resettable protection is desired.
Electrical Characteristics
Part Number
Marking
I
hold
(A)
I
trip
(A)
V
max
(Vdc)
I
max
(A)
P
d
max.
(W)
Maximum Time
To Trip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(
Ω)
R
typ
(
Ω)
R
1max
(
Ω)
2016L030
LF030
0.30
0.60
60
20
1.40
1.50
3.00
0.500
1.400
2.300
X
X
2016L050
LF050
0.55
1.10
60
20
1.40
2.50
5.00
0.200
0.700
1.000
X
X
2016L100
LF100
1.10
2.20
15
40
1.40
8.00
0.50
0.100
0.250
0.400
X
X
2016L100/33
LF100-33
1.10
2.20
33
40
1.40
8.00
0.50
0.100
0.250
0.400
X
X
2016L150
LF150
1.50
3.00
15
40
1.40
8.00
1.00
0.070
0.130
0.180
X
X
2016L200
LF200
2.00
4.20
6
40
1.40
8.00
3.00
0.048
0.070
0.100
X
X
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
max = Maximum voltage device can withstand without damage at rated current (I max)
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping or reflow
soldering of 260°C for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
Description
Features
Applications
• RoHS compliant and
lead-free
• Fast response to fault
currents
• High voltage
• Low-profile
• IEE1394 port protection
• Powered ethernet port
protection (IEEE 802.3 af)
• Automotive electronic
control module protection
• Low voltage telecom
equipment protection
Agency Approvals
AGENCY
AGENCY FILE NUMBER
E183209
R50082521


Similar Part No. - 2016L030

ManufacturerPart #DatasheetDescription
logo
Littelfuse
2016L030 LITTELFUSE-2016L030 Datasheet
4Mb / 74P
POLYFUSE짰 Resettable PTCs Surface Mount
2016L030 LITTELFUSE-2016L030 Datasheet
150Kb / 5P
POLYFUSE짰 Resettable PTCs
2016L030 LITTELFUSE-2016L030 Datasheet
253Kb / 5P
The 2016L Series PTC provides surface mount overcurrent High voltage
2016L030 LITTELFUSE-2016L030 Datasheet
768Kb / 5P
POLY-FUSE Resettable PTCs
2016L030DR LITTELFUSE-2016L030DR Datasheet
150Kb / 5P
POLYFUSE짰 Resettable PTCs
More results

Similar Description - 2016L030

ManufacturerPart #DatasheetDescription
logo
Littelfuse
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
POLYFUSE짰 Resettable PTCs
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com