Electronic Components Datasheet Search
  English  ▼

X  

SDN136 Datasheet(PDF) 1 Page - Solid State Inc

Part # SDN136
Description  TTL Compatible
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

SDN136 Datasheet(HTML) 1 Page - Solid State Inc

  SDN136 Datasheet HTML 1Page - Solid State Inc SDN136 Datasheet HTML 2Page - Solid State Inc SDN136 Datasheet HTML 3Page - Solid State Inc SDN136 Datasheet HTML 4Page - Solid State Inc SDN136 Datasheet HTML 5Page - Solid State Inc SDN136 Datasheet HTML 6Page - Solid State Inc SDN136 Datasheet HTML 7Page - Solid State Inc SDN136 Datasheet HTML 8Page - Solid State Inc SDN136 Datasheet HTML 9Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2012 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
SDN136/H/S/TR
Rev 1.10 (08/09/2012)
001511
Page # 1
SDN136
Analog High Speed Optocoupler
1MBd, Photodiode with Transistor Output
Description
The SDN136 is a high speed optocoupler consisting of an
infrared GaAs LED optically coupled through a high
isolation barrier to an integrated high speed transistor and
photodiode.
Separate access to the photodiode and transistor allow
users to reduce base-collector capacitance, enabling much
higher switching speeds. Signals with frequencies of up to
2.0MHz can be switched, giving the SDN136 a much
broader application range than traditional optocouplers.
The SDN136 comes standard in an 8 pin DIP package.
Schematic Diagram
Agency Approvals
UL / C-UL:
File # E201932
VDE:
File # 40035191 (EN 60747-5-2)
Applications
High Speed Logic Ground Isolation
Replace Slower Speed Optocouplers
Line Receivers
Power Transistor Isolation
Pulse Transformer Replacement
Switch Mode Power Supplies
High Voltage Insulation
Ground Isolation – Analog Signals
Absolute Maximum Ratings
The values indicated are absolute stress ratings. Functional
operation of the device is not implied at these or any
conditions in excess of those defined in electrical
characteristics section of this document. Exposure to
absolute Maximum Ratings may cause permanent damage
to the device and may adversely affect reliability.
Storage Temperature …………………………..-55 to +125°C
Operating Temperature …………………………-40 to +85°C
Continuous Input Current………………………………..40mA
Transient Input Current ………………….……………..400mA
Reverse Input Control Voltage …………..…………………5V
Input Power Dissipation…………………………………40mW
Peak Output Current (Pin 6) …………………………….16mA
Max Emitter-Base Reverse Voltage (Pin 5-7)……………..5V
Max Supply Voltage (Pin 8-5)……………………………..15V
Max Output Voltage (Pin 6-5) ……………………………..15V
Max Base Current (Pin 7)…………………………………5mA
Output Power Dissipation ……………………………..100mW
Ordering Information
Part Number
Description
SDN136
8 pin DIP, (50/Tube)
SDN136-H
0.40” (10.16mm) Lead Spacing (VDE0884)
SDN136-S
8 pin SMD, (50/Tube)
SDN136-STR
8 pin SMD, Tape and Reel (1000/Reel)
NOTE: Suffixes listed above are not included in marking on
device for part number identification
Features
TTL Compatible
High Bit Rate: 1Mb/s
Bandwidth: 2.0MHz
Open Collector Output
High Isolation Voltage (5000VRMS)
High Common Mode Interference Immunity
RoHS / Pb-Free / REACH Compliant
Truth Table
(Positive Logic)
LED
VO
ON
LOW
OFF
HIGH
** A 0.1μF bypass Capacitor must be connected between pins 5 & 8
(GND & VCC)
1
2
3
4
6
5
7
8 VCC
VB
VO
Ground
NC
Anode
Cathode
NC
SDN136


Similar Part No. - SDN136

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDN136 SSOUSA-SDN136 Datasheet
450Kb / 11P
Analog High Speed Optocoupler
More results

Similar Description - SDN136

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
HC51R5 CONNOR-WINFIELD-HC51R5 Datasheet
55Kb / 1P
HCMOS/TTL COMPATIBLE
logo
Nel Frequency Controls,...
HA-460 NEL-HA-460 Datasheet
61Kb / 2P
CMOS (TTL Compatible)
SJ-460 NEL-SJ-460_10 Datasheet
100Kb / 3P
CMOS (TTL Compatible)
logo
Silicon Touch Technolog...
42-DL212B SITI-42-DL212B Datasheet
112Kb / 6P
TTL interface compatible
logo
Astec America, Inc
ALT ASTEC-ALT Datasheet
845Kb / 2P
TTL compatible
logo
Unisonic Technologies
U74AHCT125G-P14-R UTC-U74AHCT125G-P14-R Datasheet
238Kb / 6P
TTL-Voltage Compatible
logo
Lite-On Technology Corp...
LTDL-TA16A LITEON-LTDL-TA16A Datasheet
209Kb / 4P
TTL INTERFACE COMPATIBLE
LTDL-TA25A-L4 LITEON-LTDL-TA25A-L4 Datasheet
222Kb / 5P
TTL INTERFACE COMPATIBLE
LTDL-TA25B-T1 LITEON-LTDL-TA25B-T1 Datasheet
128Kb / 5P
TTL INTERFACE COMPATIBLE
LTDL-TA50A LITEON-LTDL-TA50A Datasheet
226Kb / 5P
TTL INTERFACE COMPATIBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com