Electronic Components Datasheet Search
  English  ▼

X  

VSC7716 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC7716
Description  1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7716 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC7716 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7716 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL DESCRIPTION:
1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
VSC7716
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
Trademarks ™
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington, PaceMaker, HOVCAT48,
HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, VersaCAT, GigaStream, HawX, SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP
PRO, Smart-LINKOctalMAC, EQ Technology are trademarks in the United States and/or other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or
registered trademarks mentioned herein are the property of their respective holders.
Copyright ©
Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or manufacturability. All
information in this document, including descriptions of features, functions, performance, technical specifications and availability, is subject to change without notice at any
time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by Vitesse for its use. Furthermore, the information contained
herein does not convey to the purchaser of microelectronic devices any license under the patent right of any manufacturer.
The VSC7716 device is a transimpedance amplifier (TIA) for GE-PON
ONU and OLT applications. The output settling time is sufficiently fast to
meet GE-PON OLT receiver requirements but slow enough to pass
GE-PON ONU traffic. The VSC7716 device is equipped with an optional
photocurrent monitor pin to provide a means of monitoring continuous
optical receive power for photodetector alignment and digital
diagnostics. The device padout is optimized for standard 4-pin and 5-pin
TO-46 packages and accomodates both PIN detector and Avalanche
photodiode (APD) designs. A space-saving filter connection is provided
for positive bias to the photodiode through a filter resistor to VCC. The
VSC7716 device is available in bare die only.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com