Electronic Components Datasheet Search
  English  ▼

X  

VSC7728 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7728
Description  GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7728 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7728 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7728 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7718, VSC7728
VPPD-01548
Revision 1.0
VSC7728
GPON and GE-PON OLT Transimpedance Amplifier and Limiting Amplifier Chipset
FEA TURES:
APPLICA TIONS:
SPECIFICA TIONS:
BENEFITS:
Burst average received power monitor
Reset through the high
-speed data interface
Fast settling time
Differential Data Ready (DATRDYP, DATRDYN) output
LVPECL outputs
Bare die or 16-pin 3 mm x 3 mm QF
P package
Enables the system to monitor the burst power to determine if there are
any issues with the ONU transmission
Reduces pin count for the BOSA
Enables the receiver to meet GPON settling-time requirements
Used to latch the receive power monitor as well as tell the downstream
CDR when to start acquiring good data
Standard interface t
hat directly couples to the CDR
Small enough to fit in a SFF or SFP module along with a laser driver to
achieve
a complete solution
GPON - G.984 1244 Mbps upstream, class A, B, B+, and C
GE-PON - IEEE Std. 802.3ah (EFM),
1000BASE-PX10/20-U (GE-PON OLT)
3.3 V power supply
VSC7718


Similar Part No. - VSC7728

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WB VITESSE-VSC7710WB Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WC VITESSE-VSC7710WC Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WD VITESSE-VSC7710WD Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710X VITESSE-VSC7710X Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
More results

Similar Description - VSC7728

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Vitesse Semiconductor C...
VSC7969 VITESSE-VSC7969 Datasheet
170Kb / 14P
3.125Gb/s Integrated Transimpedance and Limiting Amplifier with Signal Detect
VSC7716 VITESSE-VSC7716 Datasheet
226Kb / 2P
1.25 Gbps Burst Mode Transimpedance Amplifier for GE-PON (EPON) Systems
logo
Source Photonics, Inc.
FTM-9712S-SL20 SOURCE-FTM-9712S-SL20 Datasheet
482Kb / 15P
SC Receptacle SFP GE-PON OLT Transceiver
logo
Texas Instruments
ONET8541T TI1-ONET8541T Datasheet
485Kb / 16P
11.3 Gbps Limiting Transimpedance Amplifier With RSSI
logo
TriQuint Semiconductor
TIA56 TRIQUINT-TIA56_15 Datasheet
259Kb / 1P
43 Gb/s Limiting Transimpedance Amplifier
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
logo
Maxim Integrated Produc...
MAX3632 MAXIM-MAX3632 Datasheet
289Kb / 13P
622Mbps/1244Mbps Burst-Mode Limiting Amplifier for GPON OLT Applications
19-3229; Rev 0; 3/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com