Electronic Components Datasheet Search
  English  ▼

X  

MT1467 Datasheet(PDF) 2 Page - Microtune,Inc

Part # MT1467
Description  RF SILICON AND SUBSYSTEMS SOLUTIONS FOR BROADBAND COMMUNICATIONS AND AUTOMOTIVE ELECTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROTUNE [Microtune,Inc]
Direct Link  http://www.microtune.com
Logo MICROTUNE - Microtune,Inc

MT1467 Datasheet(HTML) 2 Page - Microtune,Inc

  MT1467 Datasheet HTML 1Page - Microtune,Inc MT1467 Datasheet HTML 2Page - Microtune,Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MT1467 AM/FM DOUBLE TUNER MODULE
PRODUCT BRIEF
MT1467 PB-00143 — Rev 1.0
February 2007
Microtune, Inc., 2201 Tenth Street, Plano, TX 75074, USA
Tel: +1-972-673-1600, Fax: +1-972-673-1602, E-mail: sales@microtune.com, Web site: www.microtune.com
For a detailed list of office locations, sales offices, and sales representatives, visit our Web site at www.microtune.com
The information in this document is believed to be accurate and reliable. Microtune assumes no responsibility for any consequences arising from the use of this information, nor from any infringement of patents or
the rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or other rights of Microtune. The information in this publication replaces and supersedes all
information previously supplied, and is subject to change without notice. The customer is responsible for assuring that proper design and operating safeguards are observed to minimize inherent and procedural
hazards. Microtune assumes no responsibility for applications assistance or customer product design.
The devices described in this document are not authorized for use in medical, life-support equipment, or any other application involving a potential risk of severe property or environmental damage, personal injury,
or death without prior express written approval of Microtune. Any such use is understood to be entirely at the user’s risk.
Microtune is a registered trademark of Microtune, Inc. MicroTuner, MicroStreamer, VideoCaster, DataCaster, ClearTune, and the Microtune logo are trademarks of Microtune, Inc. All other trademarks belong to
their respective companies.
Microtune’s products are protected by one or more of the following U.S. patents: 5,625,325; 5,648,744; 5,717,730; 5,737,035; 5,739,730; 5,805,988; 5,847,612; 6,100,761; 6,104,242; 6,163,684; 6,169,569;
6,172,378; 6,177,964; 6,211,745; 6,218,899; 6,268,778; 6,310,387; 6,323,736; 6,355,537; 6,429,502; 6,462,327; 6,535,068; 6,580,313; 6,608,522; 6,631,257; 6,714,776; 6,725,463; 6,744,308; 6,771,124;
6,784,945; 6,804,099; 6,888,406; 6,891,435; 6,906,594; 6,909,886; 6,919,774; 6,920,182; 6,922,556; 6,963,478; 6,973,288; 6,993,310; 7,035,614; 7,078,960; 7,079,195; 7,164,899; 7,171,176; D469,742 and
additional patents pending or filed.
Entire contents Copyright © 1996 - 2007 Microtune, Inc.
013007
RECOMMENDED OPERATING CONDITIONS
PARAMETER
MIN
TYP
MAX
UNIT
8.5 V Power Supply
Current AM mode
65
mA
Current FM mode
58
mA
Voltage
8.5
V
5 V Power Supply
Current AM mode
40
mA
Current FM mode
30
mA
Voltage
5
V
Operating temperature range
-40
85
°C
Storage temperature
-40
95
°C
INPUT/OUTPUT CHARACTERISTICS
PARAMETER
MIN
TYP
MAX
UNIT
Antenna Input AM mode
Input Capacitance, AGC inactive
60
pF
Input Conductance, AGC inactive
1
mS
Input Conductance, AGC active
3.3
mS
Antenna Input FM mode
Input Impedance, AGC inactive
50
Ω
VSWR, AGC inactive
4
Input Resistance, AGC active
10
Ω
AGC Buffer Output
500
µA
Keyed AGC Input
0.4
1.4
V
SDA
SCL
SDA and SCL HIGH and LOW
levels are specified according to a
3.3V serial bus. The bus pins also
tolerate thresholds of a 5 V bus.
Intermediate Frequency Output
10.7
MHz
Max. balanced output Voltage
1.4
V
Output resistance
500
Ω
AF Sample Output*
1.2
mA
AF Hold Output*
1.2
mA
Bus enable
LOW-level input voltage
-0.3
1
V
HIGH-level input voltage
2
5.3
V
* Open collector output with maximum sink current; no internal pull
up resistor
DIMENSIONS*
PARAMETER
MEASUREMENT
UNIT
Length
88
mm
Width
48
mm
Heigth
13
mm
*All inputs/outputs via pins; number of pins is 2x16; pin grid is 2.54 mm
ELECTRICAL CHARACTERISTICS*
PARAMETER
MIN
TYP
MAX
UNIT
Receiving frequency range (depends on version)
AM mode USA
520
1.720
kHz
FM mode USA
87.9
107.9
MHz
AM MW mode Europe
531
1.602
kHz
FM mode Europe
87.5
108
MHz
AM Parameters
Sensitivity: RF level for 26dB S+N/N
30
dBµV
S+N/N at RF input = 60dBµV
54
dB
IF rejection (10.7MHz)
75
dB
Image rejection IF1 = tuned
frequency + 21.4MHz
80
dB
FM Parameters
Sensitivity: RF level for 26dB S+N/N
-2
dBµV
S+N/N (Mono) at RF input =
60dBµV
62
dB
IF rejection (10.7MHz)
100
dB
Image rejection IF1 = tuned
frequency + 21.4 MHz
55
dB
AM suppression
70
dB
Distortion at RF level = 60dBµV
0.05
%
Selectivity ± 200 kHz
65
dBµV
*Electrical characteristics measured with Philips backend DSP
SAF7730 and antenna dummy
MT1467 Block Diagram
PLL
EEPROM
I2C Bus
Interface
Power
Supply
MT1467
Car DSP
(e.g. Philips
SAF7730)
IF Out
8.5/5V
Main
AM/FM Tuner
SDA
SCL
AM/FM
Antenna
Sub
FM Tuner
PLL
I2C Bus
Interface
EEPROM
Power
Supply
8.5/5V
FM
Antenna
MT1467 Block Diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com