Electronic Components Datasheet Search
  English  ▼

X  

VSC7878 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7878
Description  10 Gbps Linear Transimpedance Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7878 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7878 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7878 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VSC7878
VPPD-01376
Revision 1.0
DOUTN
TIA
DOUTP
VCC
PD
AGC
GND2
VCCPD
PDCAP
FILTER1
IIN
10 W
40 W
FILTER2
IMON
Average
Input Current
Monitor
GND1
VCCF
10 Gbps Linear Transimpedance Amplifier
FEA TURES:
APPLICA TIONS:
BLOCK DIAGRAM:
BENEFITS:
10 G receiver optical sub-assemblies:
-9.983 Gbps SONET OC-192/SDH STM-64
-10.3 Gbps Ethernet
-10.5 Gbps Fibre Channel
-10.7 Gbps OTN G.709/G.975
-12.5 Gbps SONET with FEC
-DWDM SONET/SDH
Transponders:
-XENPAK, X2, XPAK modules
-300-pin MSA modules
Transceivers:
-XFP modules
SPECIFICA TIONS:
Supply voltage: 3.3 V +/- 10%
Total harmonic distortion: 3% (typical)
Differential output swing: 500 mV (linear operation)
Bandwidth: 8 GHz (typical)
Sensitivity: -18 dBm OMA (typical)
Max input current for linear operation: 2 mA p-p (typical)
Operating temperature from -30o to 105o C die backside
Integrated AGC
TO-46 can die size
Integrated photo detector bias circuit
Integrated photo current monitor
Available in bare die
Linear operation over the input power range of the device
Enables high volume ROSA assembly
Provides the best RF match to the photo detector and reduces the
component count inside the ROSA
Used for fiber alignment and diagnostic capabilities
Fully tested, known good die


Similar Part No. - VSC7878

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7807 VITESSE-VSC7807 Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7807WA VITESSE-VSC7807WA Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7807WB VITESSE-VSC7807WB Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7807WC VITESSE-VSC7807WC Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
VSC7807WD VITESSE-VSC7807WD Datasheet
144Kb / 10P
Photodetector/Transimpedance Amplifier Family for Optical Communication
More results

Similar Description - VSC7878

ManufacturerPart #DatasheetDescription
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
2.5 Gbps Transimpedance Amplifier
logo
Analog Devices
ADN2821 AD-ADN2821 Datasheet
149Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
logo
OKI electronic componet...
KGA4133 OKI-KGA4133 Datasheet
92Kb / 4P
12.5 Gbps Transimpedance Amplifier IC
logo
Texas Instruments
ONET8511T TI-ONET8511T Datasheet
315Kb / 14P
11.3 Gbps Linear Transimpedance Amplifier With AGC and RSSI
logo
Hittite Microwave Corpo...
HMC690 HITTITE-HMC690 Datasheet
379Kb / 10P
10 Gbps TRANSIMPEDANCE AMPLIFIER
logo
Analog Devices
ADN2821 AD-ADN2821_15 Datasheet
150Kb / 8P
11.1 Gbps 3.3V Transimpedance Amplifier
Rev. PrL
logo
Texas Instruments
ONET8531T TI1-ONET8531T_16 Datasheet
331Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8541T TI1-ONET8541T_16 Datasheet
478Kb / 17P
11.3 Gbps Limiting Transimpedance Amplifier
ONET8551T TI1-ONET8551T_16 Datasheet
485Kb / 16P
11.3-Gbps Limiting Transimpedance Amplifier
logo
Maxim Integrated Produc...
PHY1090 MAXIM-PHY1090 Datasheet
730Kb / 10P
0B10GbE Linear Transimpedance Amplifier
19-5686 ; Rev 1/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com