Electronic Components Datasheet Search
  English  ▼

X  

ADS8513IDW Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513IDW
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513IDW Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS8513IDW Datasheet HTML 15Page - Texas Instruments ADS8513IDW Datasheet HTML 16Page - Texas Instruments ADS8513IDW Datasheet HTML 17Page - Texas Instruments ADS8513IDW Datasheet HTML 18Page - Texas Instruments ADS8513IDW Datasheet HTML 19Page - Texas Instruments ADS8513IDW Datasheet HTML 20Page - Texas Instruments ADS8513IDW Datasheet HTML 21Page - Texas Instruments ADS8513IDW Datasheet HTML 22Page - Texas Instruments ADS8513IDW Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
www.ti.com
APPLICATION INFORMATION
TRANSITION NOISE
FFFDH FFFEH
FFFFH
0000H
0001H
0002H
0003H
0
52
173
581
176
18
0
0
18
FFFDH FFFEH
FFFFH
0000H
0001H
0002H
0003H
438
1681
5671
2010
182
0
ADS8513
SLAS486 – JUNE 2007
Apply a DC input to the ADS8513 and initiate 1000 conversions. The digital output of the converter varies in
output codes due to the internal noise of the ADS8513. This is true for all 16-bit SAR converters. The transition
noise specification found in the electrical characteristics section is a statistical figure which represents the one
sigma limit or rms value of these output codes.
Using a histogram to plot the output codes, the distribution should appear bell-shaped with the peak of the bell
curve representing the nominal output code for the input voltage value. The ±1
σ, ±2σ, and ±3σ distributions
represent 68.3%, 95.5%, and 99.7% of all codes. Multiplying TN by 6 yields the ±3
σ distribution or 99.7% of all
codes. Statistically, up to 3 codes could fall outside the 5 code distribution when executing 1000 conversions.
The ADS8513 has a TN of 0.8 LSBs which yields 5 output codes for a ±3
σ distribution. Figure 16 and Figure 17
show 1000 and 10000 conversion histogram results.
Figure 16. Histogram of 1000 Conversions With Input Grounded
Figure 17. Histogram of 10000 Conversions With Input Grounded
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com