Electronic Components Datasheet Search
  English  ▼

X  

ADS8513IDWR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513IDWR
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513IDWR Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADS8513IDWR Datasheet HTML 9Page - Texas Instruments ADS8513IDWR Datasheet HTML 10Page - Texas Instruments ADS8513IDWR Datasheet HTML 11Page - Texas Instruments ADS8513IDWR Datasheet HTML 12Page - Texas Instruments ADS8513IDWR Datasheet HTML 13Page - Texas Instruments ADS8513IDWR Datasheet HTML 14Page - Texas Instruments ADS8513IDWR Datasheet HTML 15Page - Texas Instruments ADS8513IDWR Datasheet HTML 16Page - Texas Instruments ADS8513IDWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.ti.com
OPA 627
GND
GND
GND
GND
Pin 1
Pin 7
−
Pin 2
+
Pin3
Pin4
Pin 6
−15 V
+15V
Vin
2.2 mF
100 nF
2 kW
22 pF
2 kW
22 pF
2.2 mF
2.2 mF
100 nF
2.2 mF
R1IN
GND
R2IN
R3IN
CAP
REF
ADS8513
OPA 132
or
GND
ADS8513
SLAS486 – JUNE 2007
ANALOG INPUT (continued)
Table 4. Complete list of Ideal Input Ranges (continued)
ANALOG
CONNECT
CONNECT
CONNECT
INPUT
INPUT
R1IN
R2IN
R3IN
IMPEDANCE
COMMENT
RANGE (V)
TO
TO
TO
(k
Ω)
±10
VIN
BUF
GND
45.7
Specified offset and gain
0.833 to 7.5
VIN
GND
VIN
21.3
Offset and gain not specified
–2.5 to 17.5
VIN
GND
BUF
45.7
Exceeds absolute maximum VIN
2.5 to 22.5
VIN
GND
GND
45.7
Exceeds absolute maximum VIN
0 to 2.857
BUF
VIN
VIN
45.7
Offset and gain not specified
–1 to 3
BUF
VIN
BUF
21.3
VIN cannot go below GND – 0.3V
0 to 4
BUF
VIN
GND
21.3
Specified offset and gain
–6.25 to 3.75
BUF
BUF
VIN
26.7
Offset and gain not specified
0 to 10
BUF
GND
VIN
26.7
Specified offset and gain
0.357 to 3.214
GND
VIN
VIN
45.7
Offset and gain not specified
–0.5 to 3.5
GND
VIN
BUF
21.3
VIN cannot go below GND – 0.3V
0.5 to 4.5
GND
VIN
GND
21.3
Specified offset and gain
±5
GND
BUF
VIN
26.7
Specified offset and gain
1.25 to 11.25
GND
GND
VIN
26.7
Offset and gain not specified
Figure 11. Typical Driving Circuit (±10 V, No Trim)
The input impedance results from the various connections and the internal resistor values (refer to the block
diagram on the front page of this data sheet). The internal resistor values are typical and can change by ±30%,
due to process variations. However, the ratio matching of the resistors is considerably better than this. Thus, the
input range will vary only a few tenths of a percent from part to part, while the input impedance can vary up to
±30%.
The Specifications table contains the maximum limits for the variation of the analog input range, but only for
those ranges where the comment field shows that the offset and gain are specified (this includes all the ranges
listed in Table 1). For the other ranges, the offset and gain are not tested and are not specified.
Five of the input ranges in Table 4 are not recommended for general use. The upper-end of the –2.5V to +17.5V
range and +2.5V to +22.5V range exceed the absolute maximum analog input voltage. These ranges can still be
used as long as the input voltage remains under the absolute maximum, but this will moderately to significantly
reduce the full-scale range of the converter.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): ADS8513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com