Electronic Components Datasheet Search
  English  ▼

X  

HCF4007UBEY Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF4007UBEY
Description  DUAL COMPLEMENTARY PAIR PLUS INVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4007UBEY Datasheet(HTML) 7 Page - STMicroelectronics

  HCF4007UBEY Datasheet HTML 1Page - STMicroelectronics HCF4007UBEY Datasheet HTML 2Page - STMicroelectronics HCF4007UBEY Datasheet HTML 3Page - STMicroelectronics HCF4007UBEY Datasheet HTML 4Page - STMicroelectronics HCF4007UBEY Datasheet HTML 5Page - STMicroelectronics HCF4007UBEY Datasheet HTML 6Page - STMicroelectronics HCF4007UBEY Datasheet HTML 7Page - STMicroelectronics HCF4007UBEY Datasheet HTML 8Page - STMicroelectronics HCF4007UBEY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HCF4007UB
7/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.75
0.068
a1
0.1
0.2
0.003
0.007
a2
1.65
0.064
b
0.35
0.46
0.013
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.019
c1
45˚ (typ.)
D
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F
3.8
4.0
0.149
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.019
0.050
M
0.68
0.026
S˚ (max.)
SO-14 MECHANICAL DATA
PO13G
8



Html Pages

1 2 3 4 5 6 7 8 9