Electronic Components Datasheet Search
  English  ▼

X  

HCF4007UBM1 Datasheet(PDF) 8 Page - STMicroelectronics

Part # HCF4007UBM1
Description  DUAL COMPLEMENTARY PAIR PLUS INVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4007UBM1 Datasheet(HTML) 8 Page - STMicroelectronics

  HCF4007UBM1 Datasheet HTML 1Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 2Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 3Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 4Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 5Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 6Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 7Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 8Page - STMicroelectronics HCF4007UBM1 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
HCF4007UB
8/9
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
330
12.992
C
12.8
13.2
0.504
0.519
D
20.2
0.795
N
60
2.362
T
22.4
0.882
Ao
6.4
6.6
0.252
0.260
Bo
9
9.2
0.354
0.362
Ko
2.1
2.3
0.082
0.090
Po
3.9
4.1
0.153
0.161
P
7.9
8.1
0.311
0.319
Tape & Reel SO-14 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9