Electronic Components Datasheet Search
  English  ▼

X  

VSC8221 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC8221
Description  Single Port 10/100/1000BASE-T PHY with 1.25 Gbps SerDes / SGMII for SFPs / GBICs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8221 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC8221 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8221 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Single Port 10/100/1000BASE-T PHY with 1.25 Gbps SerDes for SFPs / GBICs
VSC8221
The VSC8221 is the smallest, lowest power Gigabit Ethernet over copper PHY available and is ideal for
SFP/GBIC and Media Converter applications. It is the only triple speed copper SFP PHY to meet the stringent
MSA power consumption requirement of <1W for the entire module. Its integrated switching regulator
enables it to be powered by a single 3.3V power supply, reducing board space requirements and system cost.
Vitesse’s mixed signal and DSP architecture yields robust performance, supporting both full and half duplex
10BASE-T, 100BASE-TX, and 1000BASE-T over >140m of Category 5, unshielded twisted pair (UTP) cable, with
industry leading tolerance to NEXT, FEXT, Echo, and system noise.
SPECIFICA TIONS:
GENERAL DESCRIPTION:
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
Vitesse, ASIC-Friendly, FibreTimer, TimeStream and Snoop Loop are trademarks of Vitesse Semiconductor Corporation.
All other trademarks or registered trademarks mentioned herein are the property of their respective holders. Vitesse
Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve
performance, reliability or manufacturability. All information in this document, including descriptions of features,
functions, performance, technical specifications and availability, is subject to change without notice at any time.
BLOCK DIAGRAM:
PARAMETER
TYP
UNIT
COMMENTS
PD
700
mW
Steady state power consumption (1000BASE-T) including SerDes
PDQ
100
mW
Power consumption in ActiPHY™ power down mode
L1G, L100M
150
m
Cable link length supported in 1000BASE-T & 100BASE-TX modes,
Serial Data Rate
1.25
Gbps
SerDes, SGMII interface data rate
VDD
3.3
V
DC power supply voltage range
FTOL (REFERENCE)
25
MHz
Crystal parallel resonant frequency (+/- 100 ppm tolerance)
For more information on Vitesse Products visit the Vitesse web site
at www.vitesse.com or contact Vitesse Sales at (800) VITESSE
or sales@vitesse.com
AUTO-NEGOTIATION
PCS
DECODER
PCS
ENCODER
TIMING RECOVERY
+
DAC
HYBRID
VGA
ADC
FFE
PMA (DSP Data Pump)
PCSMDI (Analog Front End)
TX FIR
X4
NC1
NC2
NC3
EC
REFREXT
REFFILT
XTAL1REFCLK
XTAL2
TDP
TDN
TXDIS/SRESET
RDP
RDN
MODDEF1/MDC
MODDEF2/MDIO
RXLOS/SIGDET
802.3z
SerDes
OR
SGMII
RESET
EEPROM and SERIAL
MANAGEMENT
INTERFACE
TRELLIS
DECODER
PAM-5 SYMBOL
MAPPER,
SCRAMBLER
PAM-5 SYMBOL
DE-MAPPER,
DESCRAMBLER
TDI
TDO
TMS
TCK
TRST
TXVPA
TXVNA
TXVPB
TXVNB
TXVPC
TXVNC
TXVPD
TXVND
REGOUT
PLL,
OSCILLATOR
LED2
LED1
LED0
BIASING,
SWITCHING
REGULATOR
LED
INTERFACE
MII
REGISTERS
TEST
MANAGER
+ JTAG
TBI
TBI
MODDEF0/CLKOUTMAC
PLLMODE/EECLK
EEDAT
REGEN
CMODE[3:0]
SCLKP
SCLKN
CLKOUTMICRO
Control



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com