Electronic Components Datasheet Search
  English  ▼

X  

VSC9191 Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC9191
Description  100 Gbps (40 x 40) SONET/SDH TSI Switch with Dual Rate I/O
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC9191 Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC9191 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC9191 Datasheet HTML 2Page - Vitesse Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Trademarks
TM
Vitesse, ASIC-Friendly, FibreTimer, TimeStream, Snoop Loop, Super FEC, FOCUSConnect, Meigs-II, Meigs-IIe, Lansing, Campbell-I, Barrington,
PaceMaker, HOVCAT48, HOVCAT48e, HOVCAT192, HOVCAT192e, Micro PHY, FOCUS32, FOCUS16, IQ2200, NexSAS, VersaCAT, GigaStream, HawX,
SparX, StaX, VstaX, SimpliPHY,VeriPHY, ActiPHY, XFP PRO, SFP PRO, Smart-LINK, OctalMAC, EQ Technology are trademarks in the United States and/or
other jurisdictions of Vitesse Semiconductor Corporation. All other trademarks or registered trademarks mentioned herein are the property of their respective
holders.
Copyright © 2005
Vitesse Semiconductor Corporation ("Vitesse") retains the right to make changes to its products or specifications to improve performance, reliability or
manufacturability. All information in this document, including descriptions of features, functions, performance, technical specifications and availability, is
subject to change without notice at any time. While the information furnished herein is held to be accurate and reliable, no responsibility will be assumed by
Vitesse for its use. Furthermore, the information contained herein does not convey to the purchaser of microelectronic devices any license under the patent
right of any manufacturer.
741 Calle Plano
Camarillo, CA 93012, USA
Tel: +1 805.388.3700
Fax: +1 805.987.5896
www.vitesse.com
sales@vitesse.com
VSC9191
100 Gbps (40 x 40) SONET/SDH TSI Switch with Dual Rate I/O
A Vitesse TSI Switch Family Member
The VSC9191 is a 40 x 40 Time Slot Interchange (TSI)
switch supporting multirate OC-48/OC-12 data on every
input and output. All inputs and outputs are differential
serial signals running at 2.488 Gbps or 622 Mbps for
TDM signals, and 2.125 Gbps or 2.488 Gbps for signals
routed transparently.
The device contains a fully non-blocking STS-1 switching
matrix surrounded by serial backplane interfaces that
incorporate fully integrated clock recovery and synthesis,
input equalization, output pre-emphasis, SONET/SDH
compliant scrambling, framing, deskew, and alarms.
Ports to drop and insert overhead bytes are included. A
multimode CPU interface is used for device configuration
and status monitoring.
Use Standalone or as a Building Block
The VSC9191 is designed for use in a central switch unit
in smaller SONET/SDH systems. Alternatively, the
VSC9191 can be used as a building block for larger
680 Gbps to 1.36 Tbps systems when used in
conjunction with additional Vitesse TSIs such as the
VSC9195 or VSC9295.
The Vitesse TSI Family of Switches
Vitesse offers a complete line of SONET/SDH TSI
products for building systems of any size. Vitesse TSI
products are designed for maximum flexibility in building
and managing SONET and packet systems.
Members of the Vitesse TSI family include:
VSC9295: 340 Gbps (136 x 136) TSI, 2.5 Gbps or 622 Mbps I/O
VSC9292: 170 Gbps (68 x 68) TSI, 2.5 Gbps or 622 Mbps I/O
VSC9185: 160 Gbps (40 x 40) TSI, 2.5 Gbps or 622 Mbps I/O
VSC9191: 100 Gbps (40 x 40) TSI, 2.5 Gbps or 622 Mbps I/O
VSC9190: 50 Gbps (20 x 20) TSI / 10 Gbps Backplane
Transceiver, 2.5 Gbps or 622 Mbps I/O
VSC9182: 40 Gbps (64 x 64) TSI, 622 Mbps I/O
VSC9180: 2.5 Gbps SONET/SDH Backplane Transceiver
GENERAL DESCRIPTION:
10 Gbps
Line
Card
8x 10 Gbps Cards:
100 Gbps Central TSI Switch
VSC9191
20 Gbps
Low-Order
Grooming
Switch
4x 2.5 Gbps
4x 2.5 Gbps
8x 2.5 Gbps 8x 2.5 Gbps
VSC9295
4x Bit Slice
Mode
VSC9295
4x Bit Slice
Mode
VSC9295
4x Bit Slice
Mode
VSC9295
4x Bit Slice
Mode
40 Gbps
Line
Card
VSC9191
Slice and Merge
17x 40 Gbps Cards:
68x 2.5 Gbps
68x 2.5 Gbps
68x 2.5 Gbps
68x 2.5 Gbps
68x 2.5 Gbps
68x 2.5 Gbps
68x 2.5 Gbps
68x 2.5 Gbps
680 Gbps Single-Stage Nonblocking Fabric



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com