Electronic Components Datasheet Search
  English  ▼

X  

S29PL127N Datasheet(PDF) 21 Page - SPANSION

Part # S29PL127N
Description  256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29PL127N Datasheet(HTML) 21 Page - SPANSION

Back Button S29PL127N Datasheet HTML 17Page - SPANSION S29PL127N Datasheet HTML 18Page - SPANSION S29PL127N Datasheet HTML 19Page - SPANSION S29PL127N Datasheet HTML 20Page - SPANSION S29PL127N Datasheet HTML 21Page - SPANSION S29PL127N Datasheet HTML 22Page - SPANSION S29PL127N Datasheet HTML 23Page - SPANSION S29PL127N Datasheet HTML 24Page - SPANSION S29PL127N Datasheet HTML 25Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
June 6, 2007 S29PL-N_00_A5
S29PL-N MirrorBit
™ Flash Family
21
Da ta
Shee t
(Prelim i nar y )
7.1.1
Dual Chip Enable Device Description and Operation (PL129N Only)
The dual CE# product (PL129N) offers a reduced number of address pins to accommodate processors with a
limited addressable range. This product operates as two separate devices in a single package and requires
the processor to address half of the memory space with one chip enable and the remaining memory space
with a second chip enable. For more details on the addressing features of the Dual CE# device refer to
Table 6.3 on page 19 for the PL129N Sector and Memory Address Map.
Dual chip enable products must be setup appropriately for each operation. To place the device into the active
state either CE1# or CE2# must be set to VIL. To place the device in standby mode, both CE1# and CE2#
must be set to VIH. Table 7.2 describes the required state of each control pin for any particular operation.
Legend
L = Logic Low = VIL
H = Logic High = VIH
VID = 11.5–12.5 V
VHH = 8.5– 9.5V
X = Don’t Care
SA = Sector Address
AIN = Address In
DIN = Data In
DOUT = Data Out
Notes
1. The sector and sector unprotect functions may also be implemented by programming equipment.
2. WP#/ACC must be high when writing to the upper two and lower two sectors.
7.2
Asynchronous Read
The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This
ensures that no spurious alteration of the memory content occurs during the power transition. No command is
necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses
on the device address inputs produce valid data on the device data outputs. Each bank remains enabled for
read access until the command register contents are altered.
7.2.1
Non-Page Random Read
Address access time (tACC) is equal to the delay from stable addresses to valid output data. The chip enable
access time (tCE) is the delay from the stable addresses and stable CE# to valid data at the output inputs. The
output enable access time is the delay from the falling edge of the OE# to valid data at the output (assuming
the addresses have been stable for at least tACC –tOE time).
Table 7.2 Dual Chip Enable Device Operation
Operation
CE1#
CE2#
OE#
WE#
RESET#
WP#/ACC
Addresses
(A21–A0)
DQ15–DQ0
Read
LH
LH
H
X
AIN
DOUT
HL
Write
LH
HL
H
X
(Note 2)
AIN
DIN
HL
Standby
H
H
X
X
H
X
X
High-Z
Output Disable
L
L
H
H
H
X
X
High-Z
Reset
X
X
X
X
L
X
X
High-Z
Temporary Sector Unprotect
(High Voltage)
X
XXX
VID
XAIN
DIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com