Electronic Components Datasheet Search
  English  ▼

X  

IRMCS2031 Datasheet(PDF) 7 Page - International Rectifier

Part # IRMCS2031
Description  Complete Sensorless Drive Design Platform iMOTIONTM Development System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRMCS2031 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRMCS2031_07 Datasheet HTML 3Page - International Rectifier IRMCS2031_07 Datasheet HTML 4Page - International Rectifier IRMCS2031_07 Datasheet HTML 5Page - International Rectifier IRMCS2031_07 Datasheet HTML 6Page - International Rectifier IRMCS2031_07 Datasheet HTML 7Page - International Rectifier IRMCS2031_07 Datasheet HTML 8Page - International Rectifier IRMCS2031_07 Datasheet HTML 9Page - International Rectifier IRMCS2031_07 Datasheet HTML 10Page - International Rectifier IRMCS2031_07 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
REFERENCE DESIGN
IRMCS2031
This document is the property of International Rectifier and may not be copied or distributed without expressed consent.
6
Hardware Installation
Check All Hardware
The following hardware pieces are contained in the IRMCS2031 system.
•
IRMCS2031 board with integrated heat sink
•
Serial RS232C cable with 9-pin Dsub connectors for ServoDesigner
TM development tool
•
Two 10 m Ohms shunt resistors
Step 1.
Connect motor power and ground cables to the IRMCS2031 board.
Step 2.
Connect AC115V or single phase 230V or three phase 230V power. For single phase 100V-230V AC power, use R
and T for connection. For three phase 230V power, use R/S/T for connection. Insert a power contactor switch rated at
250V/30A in series with AC power cables.
J1 B
P
R
S
T
U
VW
Figure 2.
Power Connector, J1
Step 3.
Connect motor power lead. Follow the color code connection below.
RED = U
WHITE = V
BLACK = W
Connect Earth Ground terminal to the heatsink.
Earth Ground Wire
MOTOR
IRMCS203
1
Figure 3.
Earth Ground Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com