Electronic Components Datasheet Search
  English  ▼

X  

STP6NK90ZFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP6NK90ZFP
Description  N-channel 900V - 1.56 - 5.8A Zener-protected SuperMESH Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6NK90ZFP Datasheet(HTML) 1 Page - STMicroelectronics

  STP6NK90ZFP Datasheet HTML 1Page - STMicroelectronics STP6NK90ZFP Datasheet HTML 2Page - STMicroelectronics STP6NK90ZFP Datasheet HTML 3Page - STMicroelectronics STP6NK90ZFP Datasheet HTML 4Page - STMicroelectronics STP6NK90ZFP Datasheet HTML 5Page - STMicroelectronics STP6NK90ZFP Datasheet HTML 6Page - STMicroelectronics STP6NK90ZFP Datasheet HTML 7Page - STMicroelectronics STP6NK90ZFP Datasheet HTML 8Page - STMicroelectronics STP6NK90ZFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2003
STP6NK90Z - STP6NK90ZFP
STB6NK90Z
N-CHANNEL 900V - 1.56
Ω - 5.8A TO-220/TO-220FP/D2PAK
Zener-Protected SuperMESH™Power MOSFET
s
TYPICAL RDS(on) = 1.56 Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
DESCRIPTION
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established strip-
based PowerMESH™ layout. In addition to pushing
on-resistance significantly down, special care is tak-
en to ensure a very good dv/dt capability for the
most demanding applications. Such series comple-
ments ST full range of high voltage MOSFETs in-
cluding revolutionary MDmesh™ products.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
IDEAL FOR OFF-LINE POWER SUPPLIES,
ADAPTORS AND PFC
s
LIGHTING
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP6NK90Z
STP6NK90ZFP
STB6NK90Z
900 V
900 V
900 V
<2
Ω
<2
Ω
<2
Ω
5.8 A
5.8 A
5.8 A
140 W
30 W
140 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP6NK90Z
P6NK90Z
TO-220
TUBE
STP6NK90ZFP
P6NK90ZFP
TO-220FP
TUBE
STB6NK90ZT4
B6NK90Z
D2PAK
TAPE & REEL
TO-220
TO-220FP
1
2
3
1
3
D2PAK
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP6NK90ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP6NK90ZFP STMICROELECTRONICS-STP6NK90ZFP Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
logo
Inchange Semiconductor ...
STP6NK90ZFP ISC-STP6NK90ZFP Datasheet
314Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STP6NK90ZFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NK60Z STMICROELECTRONICS-STD2NK60Z Datasheet
762Kb / 16P
Zener-Protected SuperMESH MOSFET
05-Sep-2005
STW12NK90Z STMICROELECTRONICS-STW12NK90Z Datasheet
267Kb / 14P
N-CHANNEL 900V - 0.72 ohm - 11A TO-247 Zener-Protected SuperMESH Power MOSFET
17-Oct-2006
STE30NK90Z STMICROELECTRONICS-STE30NK90Z Datasheet
228Kb / 10P
N-CHANNEL 900V - 0.21??- 28A ISOTOP Zener-Protected SuperMESH??MOSFET
20-Jan-2005
STW15NK90Z STMICROELECTRONICS-STW15NK90Z Datasheet
208Kb / 9P
N-CHANNEL 900V-0.40ohm-15A TO-247 Zener-Protected SuperMESH MOSFET
Apr-2004
STY30NK90Z STMICROELECTRONICS-STY30NK90Z Datasheet
252Kb / 14P
N-CHANNEL 900V - 0.21ohm - 26A Max247 Zener-Protected SuperMESH MOSFET
16-Oct-2006
STW11NK90Z STMICROELECTRONICS-STW11NK90Z Datasheet
239Kb / 12P
N-channel 900V - 0.82OHM - 9.2A - TO-247 Zener-protected SuperMESH Power MOSFET
25-Jul-2006
STP3HNK90Z STMICROELECTRONICS-STP3HNK90Z Datasheet
366Kb / 15P
N-channel 900V - 0.35Ω - 3A - TO-220 - TO-220FP Zener-protected SuperMESH??Power MOSFET
10-Aug-2006
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
N-channel 900V - 1.56Ω - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
10-Apr-2007
STP5NK90Z STMICROELECTRONICS-STP5NK90Z_06 Datasheet
402Kb / 15P
N-channel 900V - 2Ω - 4.5A - TO-220/TO-220FP Zener - Protected SuperMESH??MOSFET
14-Dec-2005
STD2NK90Z STMICROELECTRONICS-STD2NK90Z_06 Datasheet
604Kb / 18P
N-channel 900V - 5Ω - 2.1A - TO-220 /DPAK/IPAK Zener-Protected SuperMESH??MOSFET
27-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com