Electronic Components Datasheet Search
  English  ▼

X  

PCI6254 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI6254
Description  Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI -to-PCI Bridge
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI6254 Datasheet(HTML) 1 Page - PLX Technology

  PCI6254 Datasheet HTML 1Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dual-Mode (Transparent & Non-Transparent) Universal
FastLane™ PCI –to–PCI Bridge
.
Connectivity
§ 64-bit, 33MHz-66MHz
Asynchronous operation
§ 5V signal input tolerance and 5V
signal to 3.3V signal conversions
§ 31mm x 31mm PBGA
§ 1KB FIFO size
§ PCI Bus Types
§ Transparent and Non-Transparent
Bridge Function
§ Support for 9 Bus Masters
§ Usable in CPCI System Slot or
Peripheral Slot
Performance
§ Flow-Thru™ architecture for
higher PCI-to-PCI bridging
§ Hot Swap function with support to
eliminate mid-transaction extraction
problem associated with CPCI.
§ Large 1K Byte buffer for efficient
PCI-to-PCI bridging and speed
conversion
§ 9 pairs of REQ/GNT signals support up
to 8 bus masters directly on secondary
bus
§ EEPROM support for extra register
control
§ Vital Product Data (VPD)
§ 16 general purpose IO interface
§ PME D3 wakeup power
PLX Technology, Inc.
870 Maude Ave.
Sunnyvale, CA 94085 USA
Tel: 1-800-759-3735
Tel: 1-408-774-9060
Fax: 1-408-774-2169
Email: info@plxtech.com
Web Site: www.plxtech.com
Adaptive High Performance Asynchronous 66MHz, 64-bit,
PCI–to–PCI Bridge for Servers, Storage, DSP, Telecommunication,
Networking and Embedded Applications
PLX’s FastLane™ PCI 6254 is a 64-Bit PCI-to-PCI bridge designed for high
performance, high availability applications in bus expansions, programmable data
transfer rate control, frequency conversions from slower PCI to faster PCI buses or
from faster PCI to slower PCI buses, address remapping, high availability hot swap,
and universal system-to-system bridging.
The FastLane PCI 6254 includes sophisticated buffer management and buffer
configuration options designed to provide customizable performance.
Product Ordering Information
Part Number
Description
PCI 6254-xx66BC
PCI 6254 PCI-to-PCI Bridge Chip (PBGA)
Please visit the PLX Web site at http://www.plxtech.com or contact PLX sales at 408-774-9060 for more information.
PCI 6254
Version 1.1 2004
© 2004 PLX Technology, Inc. All rights reserved. PLX and the PLX logo are registered trademarks of PLX Technology, Inc. FastLane is a trademark of PLX Technology, Inc.,
which may be registered in some jurisdiction. All other product names that appear in this material are for identification purposes only and are acknowledged to be trademarks or
registered trademarks of their respective companies. Information supplied by PLX is believed to be accurate and reliable, but PLX Technology, Inc. assumes no responsibility for
any errors that may appear in this material. PLX Technology, Inc. reserves the right, without notice, to make changes in product design or specification.
6254-SIL-PB-P1-1.1
5/04


Similar Part No. - PCI6254

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
PCI60 ALLIED-PCI60 Datasheet
676Kb / 1P
Power Chip Inductors
PCI60-100M-RC ALLIED-PCI60-100M-RC Datasheet
323Kb / 1P
Power Chip Inductors
PCI60-100M-RC ALLIED-PCI60-100M-RC Datasheet
676Kb / 1P
Power Chip Inductors
PCI60-101M-RC ALLIED-PCI60-101M-RC Datasheet
323Kb / 1P
Power Chip Inductors
PCI60-101M-RC ALLIED-PCI60-101M-RC Datasheet
676Kb / 1P
Power Chip Inductors
More results

Similar Description - PCI6254

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
21555 INTEL-21555 Datasheet
617Kb / 2P
Non-Transparent PCI-to-PCI Bridge
logo
Integrated Device Techn...
89HPES24NT3 IDT-89HPES24NT3 Datasheet
569Kb / 31P
24-Lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES12NT3 IDT-89HPES12NT3 Datasheet
494Kb / 29P
12-lane 3-Port Non-Transparent PCI Express짰 Switch
89HPES16NT2 IDT-89HPES16NT2 Datasheet
53Kb / 3P
16-Lane 2-Port Non-Transparent PCI Express짰 Switch
89HPES8NT2 IDT-89HPES8NT2 Datasheet
53Kb / 3P
8-Lane 2-Port Non-Transparent PCI Express짰 Switch
logo
PLX Technology
PCI6152 PLX-PCI6152 Datasheet
168Kb / 1P
FastLane??PCI-to-PCI Bridge Chips
PCI6154 PLX-PCI6154 Datasheet
178Kb / 1P
Asynchronous FastLane??PCI-to-PCI Bridge
PCI6466 PLX-PCI6466 Datasheet
180Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??64-bit, 66MHz PCI-to-PCI Bridge
PCI6520 PLX-PCI6520 Datasheet
323Kb / 1P
Transparent FastLane??PCI-X -to- PCI-X Bridge
PCI6540 PLX-PCI6540 Datasheet
290Kb / 1P
Dual-Mode (Transparent & Non-Transparent) Universal FastLane??PCI-X -to- PCI-X Bridge
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com