Electronic Components Datasheet Search
  English  ▼

X  

PCI9052 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI9052
Description  32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz Generic and ISA Local Bus Designs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9052 Datasheet(HTML) 1 Page - PLX Technology

  PCI9052 Datasheet HTML 1Page - PLX Technology PCI9052 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI 9052
32-bit, 33MHz PCI Target I/O Accelerator for 32-bit, 40MHz
Generic and ISA Local Bus Designs
As PCI evolves in today's complex systems, PLX continues to provide market leading
high performance 32-bit PCI solutions. In this tradition, PLX offers the PCI 9052 I/O
Accelerator. The PCI 9052 brings PLX's industry leading experience in the world of PCI
designs to you in a way that is simple and convenient to use. The PCI 9052 is the ideal
choice for implementation of your 32-bit, 33MHz PCI bus target (slave) I/O Accelerator
designs for you 32-bit 40MHz, Industry Standard Architecture (ISA) local bus, or generic
designs.
Add Target Functionality with Ease
The PCI 9052 has the industry's most flexible local bus, which allows for multiple inter-
face options to a wide variety of memory and I/O devices. Combine that with fully tested,
PCI r2.1 compliance, and your design risk is virtually zero. The PCI 9052 has a set of
advanced features to provide high performance and flexibility in order to simplify your
design, such as four programmable GPIOs, local chip select, prefetch read ahead mode,
zero wait state bursting, and on-the-fly big/little endian byte conversion.
Move your ISA Designs Up to Leading PCI Capabilities with Ease
The PCI 9052 accelerates I/O data movement on adapter boards, from ISA’s nominal
bus speed of 8MHz, 5MBytes/second, to high-performance 33MHz, 132Mbytes/second
PCI data transfer. The PCI 9052 enables a simple, rapid, low cost conversion of ISA
adapters to the PCI. The PCI 9052 is a perfect fit for many networking, telecommunica-
tions, imaging, industrial, and storage applications:
s
32-bit, 33MHz PCI operation
s
32-bit, 40MHz local bus operation
s
Glueless ISA interface for low cost adapters
s
Serial EEPROM interface for loading configuration
information, to simplify your switch from ISA designs
s
Based on the industry-leading architecture of the
PCI 9050, for easy software migration
Connectivity
s
32-bit, 33MHz PCI r2.1 compliant
s
Up to 40MHz local bus operation
s
ISA and Generic 32-bit, 40MHz
local bus designs
s
Glueless ISA interface for
low cost adapters
s
Supports multiplexed and non-
multiplexed 8-, 16-, and 32-bit
generic local buses
s
5V CMOS in 160-pin
PQFP package
Performance
s
Zero wait state burst operation
– PCI unlimited bursts transfers at
up to 132MB/s
s
Direct slave data transfers
– Access 8-, 16-, and 32-bit local
bus devices
s
Deferred reads, read ahead, posted
writes, programmable read
prefetch counter
s
Move from 8MHz, 5MB/s ISA
designs to leading 33MHz,
132MB/s PCI
s
Low power consumption
Control
s
Supports single cycle reads/writes
for 8-, 16-bit memory and
I/O-mapped accesses from
PCI Bus to ISA bus
s
Burst memory-mapped and single
I/O-mapped accesses from the
PCI-to-local bus
s
32-bit, 16-bit, 8-bit data lines
s
Local bus asynchronous
to PCI clock
s
On-the-fly big/little endian
byte conversion
– Redirects current word or byte
lane during 8- or 16-bit local bus
operation
s
Backwards compatibility with the
PCI 9050
s
Five local address spaces
independent from EEPROM
s
Four independently programma-
ble local chip selects
s
Up to four programmable GPIOs
s
Serial EEPROM interface
– Used to switch to ISA
interface mode


Similar Part No. - PCI9052

ManufacturerPart #DatasheetDescription
logo
PLX Technology
PCI9050 PLX-PCI9050 Datasheet
208Kb / 2P
Bus Target Interface Chip
PCI9050RDK PLX-PCI9050RDK Datasheet
208Kb / 2P
Bus Target Interface Chip
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
PCI9054-AC50BI PLX-PCI9054-AC50BI Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
PCI9054-AC50BIF PLX-PCI9054-AC50BIF Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
More results

Similar Description - PCI9052

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLI9080 ETC-PLI9080 Datasheet
883Kb / 133P
PCI I/O ACCELERATOR
AB-2061G-33 ETC1-AB-2061G-33 Datasheet
358Kb / 32P
33Mhz PCI to Local Bus Interface
logo
Oxford Semiconductor
OX9160 OXFORD-OX9160 Datasheet
233Kb / 38P
PCI Peripheral Bridge with EPP Parallel Port & 8/32 bit local bus
logo
Applied Micro Circuits ...
S5935 AMCC-S5935 Datasheet
705Kb / 190P
PCI 5V Bus Master/Target Device 32-bit
logo
PLX Technology
PCI6156 PLX-PCI6156 Datasheet
207Kb / 2P
Synchronous, 32-bit, 33MHz PCI-to-PCI Bridge for Video Capture Applications
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
PCI9056 PLX-PCI9056 Datasheet
446Kb / 4P
32-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??and Generic 32-bit, 66MHz Local Bus Designs
PCI9656 PLX-PCI9656 Datasheet
438Kb / 4P
64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??& Generic 32-bit, 66MHz Local Bus Designs
PCI9656RDK-LITE PLX-PCI9656RDK-LITE Datasheet
173Kb / 2P
Rapid Development Kit For PCI 9656 Generic Local Bus Designs
logo
List of Unclassifed Man...
APCI-IB40 ETC2-APCI-IB40 Datasheet
253Kb / 10P
32-bit PCI Local Bus I/O board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com