Electronic Components Datasheet Search
  English  ▼

X  

PCI9080 Datasheet(PDF) 1 Page - PLX Technology

Part # PCI9080
Description  I2O Compatible PCI Bus Master I/O Accelerator Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PCI9080 Datasheet(HTML) 1 Page - PLX Technology

  PCI9080 Datasheet HTML 1Page - PLX Technology PCI9080 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCI 9080
I2O Compatible PCI Bus Master I/O Accelerator Chip
TECHNOLOGY
®
Flexible Connection to the PCI Bus
For add-in card and embedded system designers and integrators alike, the mis-
sion is clear: reduce the time to integrate new technology and time to market.
Achieving this task requires the latest in I/O technology. PLX Technology, Inc.
is committed to providing complete and proven PCI solutions with our PCI 9080
Bus Master I/O Accelerator interface chip.
The PLX® PCI 9080 provides a compact, high performance PCI bus master
interface with a programmable local bus. Integrating the latest in I/O technology,
the PCI 9080 contains an Intelligent I/O (I2O) messaging unit in hardware that
allows high performance and compatible software implementations of the I2O
bus protocol specification.
The highly flexible local bus solution can be configured to directly connect a
wide variety of processors, controllers and memory subsystems. Combined with
the PCI 9080RDK reference design kits, PCI SDK and I2O software development
kits available from PLX, the design-in process is simple and painless with little or
no glue logic. Customers are using the PCI 9080 with IBM PowerPC 40x, Motorola
MPC850/860, Intel i960C/J/H, Hitachi Super H, MIPS R 3000/4000/5000, NEC
V830/831, ARM, Motorola 68XXX, and others. Thoroughly tested and proven,
PLX products have become the gold standard of the industry.
Leading the way in PCI design, the PCI 9080 provides two intelligent DMA
channels with scatter/gather, programmable burst modes, and asynchronous
bus clocks to provide the best PCI throughput available. The versatility of the
PCI 9080 also allows for a local processor to configure other PCI devices in
the system.
While the PCI 9080 is capable of keeping up with the most demanding of
applications and the latest in technology, upward compatibility with existing
PLX PCI I/O accelerators is maintained. The 9080 continues the PLX tradition of
providing the highest performance and fully compatible PCI interface solutions.
Features
s
PCI Version 2.1 compliant
Bus Master interface chip for
adapters and embedded
systems
s
Programmable local bus
supports nonmultiplexed
32-bit address/data, multi-
plexed 32- or 16-bit, and
accesses of 32-, 16-, or 8-bit
local bus devices
s
I2O compatible messaging unit
s
3.3 or 5 volt PCI signaling,
5 volt core, low-power
CMOS in 208-pin PQFP
s
Two independent program-
mable DMA channels for local
bus memory to/from PCI host
bus data transfers
s
Eight programmable FIFOs
for zero wait state burst
operation
s
PCI to/from local data
transfers up to 133MB/sec
s
Local bus runs asynchro-
nously to the PCI bus
s
Eight 32-bit mailbox and two
32-bit doorbell registers
s
Performs Big Endian/Little
Endian conversion
s
Upward compatibility with
PCI 9060, 9060ES, 9060SD


Similar Part No. - PCI9080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI9080 ETC-PCI9080 Datasheet
1Mb / 192P
12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PCI9080 ETC-PCI9080 Datasheet
883Kb / 133P
PCI I/O ACCELERATOR
More results

Similar Description - PCI9080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI9030 ETC-PCI9030 Datasheet
323Kb / 4P
SMARTarget??I/O Accelerator
PCI9080 ETC-PCI9080 Datasheet
1Mb / 192P
12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PLI9080 ETC-PLI9080 Datasheet
883Kb / 133P
PCI I/O ACCELERATOR
logo
PLX Technology
PCI9030 PLX-PCI9030 Datasheet
416Kb / 4P
SMARTarget??I/O Accelerator
PCI9054 PLX-PCI9054 Datasheet
387Kb / 4P
PCI Bus Master I/O Accelerator Chip
PCI9656 PLX-PCI9656 Datasheet
438Kb / 4P
64-bit, 66MHz PCI Bus Mastering I/O Accelerator for Motorola PowerQUICC??& Generic 32-bit, 66MHz Local Bus Designs
logo
List of Unclassifed Man...
APCI-IB40 ETC2-APCI-IB40 Datasheet
253Kb / 10P
32-bit PCI Local Bus I/O board
logo
Axiomtek Co., Ltd.
ETM620 AXIOMTEK-ETM620 Datasheet
224Kb / 1P
3 PCI Bus master, ISA Bus supported
ETM710 AXIOMTEK-ETM710 Datasheet
202Kb / 1P
4 PCI Bus master, ISA Bus supported
ETM831 AXIOMTEK-ETM831 Datasheet
259Kb / 1P
4 PCI Bus master, ISA Bus supported
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com