Electronic Components Datasheet Search
  English  ▼

X  

PEX8112 Datasheet(PDF) 1 Page - PLX Technology

Part # PEX8112
Description  ExpressLane??PCI Express to PCI Bridge
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLX [PLX Technology]
Direct Link  http://www.plxtech.com
Logo PLX - PLX Technology

PEX8112 Datasheet(HTML) 1 Page - PLX Technology

  PEX8112 Datasheet HTML 1Page - PLX Technology PEX8112 Datasheet HTML 2Page - PLX Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ExpressLane™ PCI Express to PCI Bridge
.
Features
General Features
o
Forward and Reverse bridging
o 144-ball BGA package with standard
1.0 mm pitch (13mm x 13mm)
o 161-ball BGA package with fine
0.65 mm pitch (10mm x 10mm)
o Low power – 400 milliwatts
o EEPROM configuration option with
SPI
o Internal 8Kbyte shared RAM
o
1.5 V core supply voltage
o
JTAG
o
Four (4) GPIO pins for maximum
design flexibility
o
Extensive PME support including
D0 and D0Active, D1, D2 and D3Hot
and D3Cold
o
Lead-free packaging only
o
Industrial Temperature: -40 to +85ºC
Integrated PCI Express Interface
o
PCI Express Base 1.0a compliant
o
x1 Link, dual-simplex, 2.5 Gbps per
direction
o
One virtual channel
o
Automatic LVDS polarity reversal
o
128 byte maximum payload size
o
Link CRC
o
Link power management
o
Flow control buffering
o
PCI Express transaction queues for
eight (8) outstanding TLPs
PCI Interface
o
PCI v.3.0: 32 bits, up to 66 MHz
o
PCI Power Management 1.1
o
Internal arbiter supports up to 4
external masters; REQ#/GNT#
signals
o
3.3V I/O and 5V tolerant PCI
o
Message Signal Interrupt (MSI)
support
o
Provides PCI clock output
o
Four mailbox registers for messaging
o VGA and ISA Enable registers for
legacy operation
Reversible Bridge in a Tiny Package
The PLX Technology PEX 8112 bridge enables designers to migrate legacy PCI bus
interfaces to the new advanced serial PCI Express. This is ideal for including
existing PCI ICs on a PCI Express™ Adapter Board, such as the new ExpressCard™
or AdvancedMC™ standards. The 13mm x 13mm standard BGA package or 10mm
x 10mm fine BGA package offerings makes the PEX 8112 bridge well suited for
applications where board real estate is at a premium. With its low power 0.15 micron
CMOS design, the PEX 8112 consumes only about 400 mW of power.
Forward and Reverse Bridging
The PEX 8112 supports forward and reverse bridging as defined by the
PCI Express-to-PCI/PCI-X Bridge Specification 1.0. In forward mode, the bridge
allows legacy PCI chips and adapters to be used with new PCI Express processor
systems. Reverse bridge operation allows conventional PCI processors and chipsets
to configure and control advanced PCI Express switches and endpoints. The reverse
PEX 8112 not only allows complete configuration of a downstream PCI Express
system from the PCI bus, but it also handles limited PCI Express root functions for
reverse interrupt and Power Management Events.
Block Diagram
The PEX 8112 is equipped with a
standard PCI Express port that
operates as a single, x1 link with a
maximum of 250 Megabytes per
second of throughput per transmit
and receive direction. The single 2.5
Gbps integrated SerDes delivers the
highest bandwidth with the lowest
possible pin count using LVDS
technology.
The PEX 8112 has a single parallel
bus segment supporting the PCI v.3.0
protocol, and a 32-bit wide parallel
data path running up to 66MHz.
The device supports internal queues
with flow control features to optimize
throughput and traffic flow.
PEX 8112
Version 1.0 2007
Figure 1. PEX 8112 Block Diagram
j
PCI Express Link (1 lane, 2.5 GHz)
PCI Master and Target Interface Logic
PCI Express Data Link Layer
PCI Express PHY Layer
PCI Express Transaction Layer
(Packet Construction Logic)
FIFOs
8K Shared
RAM
Configuration
Registers
PCI Bus (32-bit, 33/66 MHz)


Similar Part No. - PEX8112

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
ExpressLane??PCI Express to PCI Bridge
More results

Similar Description - PEX8112

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
PCI Express to PCI Bridge
PEX8114 ETC1-PEX8114 Datasheet
1Mb / 4P
ExpressLane??PCI Express-to-PCI/PCI-X Bridge
logo
Texas Instruments
XIO2000A TI-XIO2000A Datasheet
1Mb / 155P
PCI Express to PCI Bus Translation Bridge
logo
Pericom Semiconductor C...
PI7C9X130 PERICOM-PI7C9X130 Datasheet
1Mb / 157P
PCI Express to PCI-X Reversible Bridge
PI7C9X110 PERICOM-PI7C9X110 Datasheet
936Kb / 145P
PCI Express-to-PCI Reversible Bridge
logo
PLX Technology
PEX8114 PLX-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI7C9X111SLBFDE PERICOM-PI7C9X111SLBFDE Datasheet
499Kb / 78P
PCI Express-to-PCI Reversible Bridge
logo
AVAGO TECHNOLOGIES LIMI...
PEX8114 AVAGO-PEX8114 Datasheet
1Mb / 4P
PCI Express-to-PCI/PCI-X Bridge
logo
Broadcom Corporation.
PEX8112 BOARDCOM-PEX8112 Datasheet
183Kb / 2P
ExpressLane??PCI Express to PCI Bridge
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com